Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 43Page - Texas Instruments TMS320DM6441 Datasheet HTML 44Page - Texas Instruments TMS320DM6441 Datasheet HTML 45Page - Texas Instruments TMS320DM6441 Datasheet HTML 46Page - Texas Instruments TMS320DM6441 Datasheet HTML 47Page - Texas Instruments TMS320DM6441 Datasheet HTML 48Page - Texas Instruments TMS320DM6441 Datasheet HTML 49Page - Texas Instruments TMS320DM6441 Datasheet HTML 50Page - Texas Instruments TMS320DM6441 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 229 page
background image
www.ti.com
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
Table 2-27. HPI Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(1)(2)
DESCRIPTION
NAME
NO.
EM_D15/
DD15/
E1
HD15
EM_D14/
DD14/
H5
HD14
EM_D13/
DD13/
F2
HD13
EM_D12/
DD12/
D1
HD12
EM_D11/
DD11/
G4
HD11
EM_D10/
DD10/
G5
HD10
EM_D9/
DD9/
E2
HD9
EM_D8/
These pins are multiplexed between EMIFA (NAND), ATA/CF, and HPI. In all cases
DD8/
F3
they are used as a 16 bit bi-directional data bus. For EMIFA (NAND), these are
HD8
EM_D[15:0].
I/O/Z
DVDD18
For ATA/CF, these are DD[15:0].
EM_D7/
In HPI mode, these are HD[15:0] and are multiplexed internally with the HPI address
DD7/
C1
lines.
HD7
EM_D6/
DD6/
F4
HD6
EM_D5/
DD5/
D2
HD5
EM_D4/
DD4/
E4
HD4
EM_D3/
DD3/
E3
HD3
EM_D2/
DD2/
F5
HD2
EM_D1/
DD1/
D3
HD1
EM_D0/
DD0/
E5
HD0
Table 2-28. Timer 0, Timer 1, and Watchdog Timer Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
Watchdog timer and Timer 1
No external pins. The Watchdog timer and Timer 1 peripheral pins are not pinned out as external pins.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com