Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 77Page - Texas Instruments TMS320DM6441 Datasheet HTML 78Page - Texas Instruments TMS320DM6441 Datasheet HTML 79Page - Texas Instruments TMS320DM6441 Datasheet HTML 80Page - Texas Instruments TMS320DM6441 Datasheet HTML 81Page - Texas Instruments TMS320DM6441 Datasheet HTML 82Page - Texas Instruments TMS320DM6441 Datasheet HTML 83Page - Texas Instruments TMS320DM6441 Datasheet HTML 84Page - Texas Instruments TMS320DM6441 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 229 page
background image
www.ti.com
4.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
Case Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
Low/full speed: USB_DN and USB_DP
2.8
USB_DVDDAP3
V
High speed: USB_DN and USB_DP
360
440
mV
VOH
High-level output voltage (3.3V I/O)
DVDD33 = MIN, IOH = MAX
2.4
V
High-level output voltage (1.8V I/O)
DVDD18 = MIN, IOH = MAX
DVDD - 0.45
V
Low/full speed: USB_DN and USB_DP
0.0
0.3
V
High speed: USB_DN and USB_DP
-10
10
mV
VOL
Low-level output voltage (3.3V I/O)
DVDD33 = MIN, IOL = MAX
0.4
V
Low-level output voltage (1.8V I/O)
DVDD18 = MIN, IOL = MAX
0.45
V
VI = VSS to DVDD without opposing
±10
µA
internal resistor
VI = VSS to DVDD with opposing internal
II
Input current
50
100
250
µA
pullup resistor (2)
VI = VSS to DVDD with opposing internal
-250
-100
-50
µA
pulldown resistor (2)
IOH
High-level output current
All peripherals
4
mA
IOL
Low-level output current
All peripherals
4
mA
VO = DVDD or VSS, internal pull disabled
±20
IOZ
I/O Off-state output current
µA
VO = DVDD or VSS, internal pull enabled
±100
CVDD = 1.2 V, DSP clock = 513 MHz
659
Core (CVDD, APLLREFV, VDDA_1P1V,
ICDD
mA
VDDA1P2LDO(3), CVDDDSP) supply current(4)
CVDD = 1.05 V, DSP clock = 405 MHz
521
DVDD = 3.3 V, DSP clock = 513 MHz
6
3.3V I/O (DVDD33, USB_DVDDA3P3) supply
IDDD
mA
current(4)
DVDD = 3.3 V, DSP clock = 405 MHz
6
1.8V I/O (DVDD18, DVDDR2, DDR_VDDDLL,
DVDD = 1.8 V, DSP clock = 513 MHz
98
IDDD
PLLVDD18, VDDA_1P8V, USB_VDD1P8,
mA
DVDD = 1.8 V, DSP clock = 405 MHz
94
MXVDD, M24VDD) supply current(4)
Ci
Input capacitance
4
pF
Co
Output capacitance
4
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(3)
This pin is an internal LDO output and connected via 1 µF capacitor to USB_VSSA1P2LDO.
(4)
Measured under the following conditions: 60% DSP CPU utilization; ARM doing typical activity (peripheral configurations, other
housekeeping activities); DDR2 Memory Controller at 50% utilization (135 MHz), 50% writes, 32 bits, 50% bit switching; 2 MHz ASP at
100% utilization; Timer0 at 100% utilization. At room temperature (25 °C) for typical process devices. The actual current draw varies
across manufacturing processes and is highly application-dependent.
Submit Documentation Feedback
Device Operating Conditions
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com