Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 93Page - Texas Instruments TMS320DM6441 Datasheet HTML 94Page - Texas Instruments TMS320DM6441 Datasheet HTML 95Page - Texas Instruments TMS320DM6441 Datasheet HTML 96Page - Texas Instruments TMS320DM6441 Datasheet HTML 97Page - Texas Instruments TMS320DM6441 Datasheet HTML 98Page - Texas Instruments TMS320DM6441 Datasheet HTML 99Page - Texas Instruments TMS320DM6441 Datasheet HTML 100Page - Texas Instruments TMS320DM6441 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 229 page
background image
www.ti.com
5.5 Oscillators
5.5.1
27-MHz System Oscillator
MXI/CLKIN
MXO
C1
C2
Crystal
MXVSS
27 MHz
1.8 V
MXVDD
RBIAS
(optional)
C
L
+
C
1C2
(C
1
) C2)
TMS320DM6441
Digital Media System-on-Chip
SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007
DM6441 has two oscillator input/output pairs (MXI/MXO and M24XI/M24XO) usable with external crystals
or ceramic resonators to provide clock inputs. The optimal frequencies for the crystals are 27 MHz
(MXI/MXO) and 24 MHz (M24XI/M24XO). Optionally, the oscillator inputs are configurable for use with
external oscillators.
The 27-MHz oscillator provides the reference clock for all DM6441 subsystems and peripherals, with the
exception of USB. The on-chip oscillator requires an external 27-MHz crystal connected across the MXI
and MXO pins, along with two load capacitors, as shown in Figure 5-10. The external crystal load
capacitors must be connected only to the 27-MHz oscillator ground pin (MXVSS). Do not connect to board
ground (VSS).
Figure 5-10. 27-MHz System Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI and MXO) and to the MXVSS pin.
Table 5-11. Switching Characteristics Over Recommended Operating Conditions for 27-MHz System
Oscillator
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency
4
ms
of 27 MHz)
Oscillation frequency
27
MHz
ESR
60
Ω
Frequency stability
±50
ppm
Submit Documentation Feedback
Peripheral and Electrical Specifications
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com