| Electronic Components Datasheet Search |
|
TMS320DM6441 Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 229 page ![]() www.ti.com TMS320DM6441 Digital Media System-on-Chip SPRS359B – SEPTEMBER 2006 – REVISED JANUARY 2007 Table 2-9. EMIFA Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. EM_WAIT/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD) and ATA/CF. (RDY/BSY)/ F1 I/O/Z DVDD18 For EMIFA, it is wait state extension input EM_WAIT. IORDY EM_OE/ (RE)/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD) and ATA/CF. H4 I/O/Z DVDD18 (IORD)/ For EMIFA, it is output enable output EM_OE. DIOR EM_WE (WE) This pin is multiplexed between EMIFA (NAND/SmartMedia/xD) and ATA/CF. For G2 I/O/Z DVDD18 (IOWR)/ NAND/SmartMedia/xD or EMIFA, it is write enable output EM_WE. DIOW This pin is multiplexed between EMIFA, ATA/CF, and HPI. For EMIFA, this is the Bank Address 0 output (EM_BA[0]). EM_BA[0]/ When connected to an 8-bit asynchronous memory, this pin is the lowest order bit of DA0/ J3 I/O/Z DVDD18 the byte address. HINT When connected to a 16-bit asynchronous memory, this pin has the same function as EMIF address pin 22 (EM_A[22]). In HPI mode, it is the host interrupt output HINT. This pin is multiplexed between EMIFA, ATA/CF, HPI, and GPIO. For EMIFA, this is the Bank Address 1 output EM_BA[1]. EM_BA[1]/ When connected to a 16 bit asynchronous memory this pin is the lowest order bit of DA1/ H2 I/O/Z DVDD18 the 16-bit word address. GPIO52 When connected to an 8-bit asynchronous memory, this pin is the 2nd bit of the address. EM_A[21]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO10/ T3 I/O/Z DVDD18 For EMIFA, it is address bit 21 output EM_A[21]. VLYNQ_TXD0 EM_A[20]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO11/ R3 I/O/Z DVDD18 For EMIFA, it is address bit 20 output EM_A[20]. VLYNQ_RXD0 EM_A[19]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO12/ R4 I/O/Z DVDD18 For EMIFA, it is address bit 19 output EM_A[19]. VLYNQ_TXD1 EM_A[18]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO13/ P5 I/O/Z DVDD18 For EMIFA, it is address bit 18 output EM_A[18]. VLYNQ_RXD1 EM_A[17]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO14/ R2 I/O/Z DVDD18 For EMIFA, it is address bit 17 output EM_A[17]. VLYNQ_TXD2 EM_A[16]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO15/ R5 I/O/Z DVDD18 For EMIFA, it is address bit 16 output EM_A[16]. VLYNQ_RXD2 EM_A[15]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO16/ P3 I/O/Z DVDD18 For EMIFA, it is address bit 15 output EM_A[15]. VLYNQ_TXD3 EM_A[14]/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. GPIO17/ P4 I/O/Z DVDD18 For EMIFA, it is address bit 14 output EM_A[14]. VLYNQ_RXD3 EM_A[13]/ This pin is multiplexed between EMIFA and GPIO. N4 I/O/Z DVDD18 GPIO18 For EMIFA, it is address bit 13 output EM_A[13]. EM_A[12]/ This pin is multiplexed between EMIFA and GPIO. R1 I/O/Z DVDD18 GPIO19 For EMIFA, it is address bit 12 output EM_A[12]. EM_A[11]/ This pin is multiplexed between EMIFA and GPIO. P2 I/O/Z DVDD18 GPIO20 For EMIFA, it is address bit 11 output EM_A[11]. EM_A[10]/ This pin is multiplexed between EMIFA and GPIO. P1 I/O/Z DVDD18 GPIO21 For EMIFA, it is address bit 10 output EM_A[10]. EM_A[9]/ This pin is multiplexed between EMIFA and GPIO. M4 I/O/Z DVDD18 GPIO22 For EMIFA, it is address bit 9 output EM_A[9]. Submit Documentation Feedback Device Overview 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |