Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 167Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 168Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 169Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 170Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 590 page
background image
Chapter 8 DMA Controller
8-1
8.
DMA Controller
8.1
Features
The TX4925 contains a four-channel DMA Controller (DMAC) that executes DMA (Direct Memory
Access) with memory and I/O devices.
The DMA Controller has the following characteristics.
•
Has four on-chip DMA channels
•
Supports external I/O devices with 8-, 16-, and 32-bit Data Bus widths and transfer between memory
devices.
•
Supports single address transfer (Fly-by DMA) and dual address transfer when in the external I/O DMA
Transfer Mode that is operated by external request signals
•
Supports on-chip Serial I/O Controllers and AC-Link Controllers
•
Supports Memory-Memory Copy modes that do not have address boundary limitations. Burst transfer of
up to eight words is possible for each Read or Write operation.
•
Supports Memory Fill mode that writes word data to the specified memory region
•
Supports Chained DMA Transfer
•
On-chip signed 24-bit address count up registers for both the source address and destination address
•
On-chip 26-bit Byte Count Register for each channel
•
One of two methods can be selected for determining access priority among multiple channels: Round
Robin or Fixed Priority
•
Big Endian or Little Endian mode can be set separately for each channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com