Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 590 page
background image
Chapter 8 DMA Controller
8-5
Figure 8.3.1 External I/O DMA Transfer (Single Address, Level Request)
8.3.3.2
Dual Address Transfer
If the Single Address bit (DMCCRn.SNGAD) has been cleared, access to external I/O devices
and to external memory is each performed continuously. Each access is the same as normal access
except when the DMAACK[n] signal is asserted.
Please refer to “8.3.8 Dual Address Transfer” for information regarding setting the register.
8.3.3.3
Single Address Transfer (Fly-by DMA)
If the Single Address bit (DMCCRn.SNGAD) is set, either data reading from an external I/O
device and data writing to external memory or data reading from external memory and data
writing to an external I/O device is performed simultaneously. The following conditions must be
met in order to perform Single Address transfer.
•
The data bus widths of the external I/O device and external memory match
•
Data can be input/output to/from the external I/O device and external memory during the
same clock cycle
The Transfer Direction bit (MEMIO) of the DMA Channel Control Register (DMCCRn)
specifies the transfer direction.
•
From memory to an external I/O device (DMCCRn.MEMIO = “1”)
External memory Read operation to an address specified by the DMA Source Address
Register (DMSARn) is performed simultaneously to assertion of the DMAACK[n] signal.
1c040
SYSCLK
CE*
ADDR [19:0]
ACE*
OE*/BUSSPRT*
SWE*
BWE*
DATA [31:0]
ACK*
DMAREQ[n]
DMAACK[n]
DMADONE*
00040
f
00000100
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com