Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 590 page
background image
Chapter 8 DMA Controller
8-7
Three clock cycles are required from external assertion of the DMADONE* signal to disabling
of new DMA access. Operation will not stop even if the bus operation in progress is a Single
transfer or a Burst transfer. For example, if the DMADONE* signal is asserted during Read
operation of Dual Address transfer, the corresponding Write bus operation will also be executed.
If the DMADONE* pin is set to become both input and output for channel n
(DMCCRn.DNCTRL = “11”), the DMADONE* signal becomes an open drain signal when the
channel becomes active. When used by this mode, the DMADONE* signal must be pulled up by
an external source. When in this mode, the External DONE Assert bit (DMCSRn.EXTDN) is not
only set when asserted by an external device, but is also set when asserted by the TX4925.
8.3.4
Internal I/O DMA Transfer Mode
Performs DMA with the on-chip Serial I/O Controller and the AC-link Controller. Set the DMA
Channel Control Register (DMCCRn) as follows.
•
DMCCRn.EXTRQ
= 1: I/O DMA Transfer mode
•
DMCCRn.SNGAD
= 0: Dual Address Transfer
Refer to “8.3.8 Dual Address Transfer” and “11.3.6 DMA transfer (Serial I/O Controller)” or
“14.3.6.4 DMA Operation (AC-link Controller)” for more information.
8.3.5
Memory-Memory Copy Mode
It is possible to copy memory from any particular address to any other particular address when in the
Memory-Memory Copy mode.
Set the DMA Channel Control Register (DMCCRn) as follows.
•
DMCCRn.EXTRQ
= 0: Memory Transfer mode
•
DMCCRn.SNGAD
= 0: Dual Address mode
Furthermore, when in the Memory-Memory Copy mode it is possible to set the interval for requesting
ownership of each bus using the Internal Request Delay field (INTRQD) of the DMA Channel Control
Register (DMCCRn).
Refer to “8.3.8 Dual Address Transfer” for information regarding the setting of other registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com