Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 180 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 180 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 184Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 590 page
background image
Chapter 8 DMA Controller
8-10
(a) DMCCRn.USEXFSZ
= “0”
(b) DMCCRn.USEXFSZ
= “1”
Figure 8.3.2 Non-aligned Single Address Burst Transfer
8.3.8
Dual Address Transfer
This section explains the register settings for Dual Address transfer (DMCCRn.SNGAD = 0). This
applies to the following DMA transfer modes.
•
External I/O (Dual Address) transfer
•
Internal I/O DMA transfer
•
Memory-Memory Copy transfer
8.3.8.1
Channel Register Settings During Dual Address Transfer
Table 8.3.3 shows restrictions of the Channel Register settings during Dual Address transfer. If
these restrictions are not met, then a Configuration Error is detected, the Configuration Error bit
(CFERR) of the DMA Channel Status Register (DMCSRn) is set, and DMA transfer is not
performed.
If the setting of the DMA Source Address Increment Register (DMSAIRn) is negative and the
transfer setting size is 4 bytes or larger, then a value will be set in the DMA Source Address
Register (DMSARn) that reflects the lower 2 bits. Similarly, if the setting of the DMA Destination
Address Increment Register (DMDAIRn) is negative and the transfer setting size is 4 bytes or
larger, then a value will be set in the DMA Destination Address Register (DMDARn) that reflects
the lower 2 bits.
50
54
58
5c
64
68
6c
60
74
78
7c
70
00
04
08
0c
14
18
1c
10
24
28
2c
20
30
3 Words
4 Words
4 Words
4 Words
4 Words
4 Words
DMCCRn.XFSZ
= 0x4
32 Word Boundary
32
0
50
54
58
5c
64
68
6c
60
74
78
7c
70
00
04
08
0c
14
18
1c
10
24
28
2c
20
30
4 Words
4 Words
(3
+ 1) Words
4 Words
4 Words
DMCCRn. XFSZ
= 0x4
32
0
4 Words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com