Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 590 page
background image
Chapter 8 DMA Controller
8-12
Figure 8.3.3 Dual Address Burst Transfer (DMCCRn.USEXFSZ
= 1)
Figure 8.3.4 shows Dual Address Burst transfer when the Transfer Size Mode bit
(DMCCRn.USEXFSZ) is set to “0”, the lower 7 bits of the Transfer Start address for the transfer
source are set to 0x54, the lower 7 bits of the Transfer Start address for the transfer destination are
set to (a) 0x14/(b) 0x18, and the Transfer Setting Size (DMCCRn.XFSZ) is set to 8 words.
Panel (a) of this figure shows when the address offset is equivalent. In this case, first transfer of
three words is performed up to the address that is aligned with the transfer setting size. Then,
transfer of eight words that is specified by the transfer setting size is repeated.
On the other hand, panel (b) show when the address offset is not equivalent. In this case, first
only data up to the address that is aligned with the transfer setting size is read to the on-chip FIFO.
Then, data is written up to the address that is aligned with the transfer setting size as long as data
remains in the on-chip FIFO. Efficiency decreases since the transfer size is divided. Also, since
data may remain in the on-chip FIFO, Burst transfer of a Dual Address that uses the on-chip FIFO
simultaneously with another channel cannot be performed.
Using the Burst Inhibit bit makes it possible to mix Burst transfer with 8-Word Single transfer.
This in turn makes it possible to perform Burst access only for memory access during DMA
transfer with external I/O devices that cannot perform Burst transfer.
When the Source Burst Inhibit bit (DMCCRn.SBINH) is set, data read from the Source Address
to the on-chip FIFO is divided into multiple 4-byte Single Read transfers, then transfer is
executed.
When the Destination Burst Inhibit bit (DMCCRn.DBINH) is set, data written from the FIFO to
the Destination Address is divided into multiple 4-byte Single Write transfers, then transfer is
executed.
50
54
58
5c
64
68
6c
60
74
78
7c
70
00
04
08
0c
14
18
1c
10
32
0
10
14
18
1c
24
28
2c
20
34
38
3c
30
40
44
48
4c
54
58
5c
50
32
0
Source Address
FIFO (8 Words)
Destination Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com