Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 174 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 174 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 170Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 590 page
background image
Chapter 8 DMA Controller
8-4
8.3.3
External I/O DMA Transfer Mode
The External I/O DMA Transfer Mode performs DMA transfer with external I/O devices that are
connected to the External Bus Controller.
8.3.3.1
External Interface
External I/O devices signal DMA requests to the DMA Controller by asserting the DMA
Transfer Request Signal (DMAREQ[n]). On the other hand, the DMA Controller accesses external
I/O devices by asserting the DMA Transfer Acknowledge Signal (DMAACK[n]).
The DMA Transfer Request signal (DMAREQ[n]) can use the Request Polarity bit (REQPOL)
of the DMA Channel Control Register (DMCCRn) to select the signal polarity for each channel,
and can use the Edge Request bit (EGREQ) to select either edge detection or level detection for
each channel. The DMA Transfer Acknowledge signal (DMAACK[n]) can also use the
Acknowledge Polarity bit (ACKPOL) to select the polarity.
Please assert/deassert the DMAREQ[n] signal as follows below.
•
When level detection is set (DMCCRn.EGREQ = 0)
The DMAREQ[n] signal must be continuously asserted until one SYSCLK cycle after the
DMAACK[n] signal is asserted. Also, the DMAREQ[n] signal must be asserted before the
CE*/CS* signal is deasserted. If this signal is asserted too soon, DMA transfer will not be
performed. If this signal is asserted too late, unexpected DMA transfer may result.
During Dual Address transfer, we recommend detecting assertion of the CE* signal for the
external I/O device that is currently asserting DMAACK[n], then deasserting DMAREQ[n].
•
When edge detection is set (DMCCRn.EGREQ
= 1)
Please set up assertion of the DMAREQ[n] signal so the DMAREQ[n] signal is asserted
after the DMAACK[n] signal corresponding to a previously asserted DMAREQ[n] signal is
deasserted. The DMAREQ[n] signal will not be detected even if it is asserted before
DMAACK[n] is deasserted.
Figure 8.3.1 is a timing diagram that shows the timing of external DMA access. In this timing
diagram, both the DMAREQ[n] signal and the DMAACK[n] signal are set to Low active
(DMCCRn.REQPL = 0, DMCCRn.ACKPOL = 0).
The DMAACK[n] and DMADONE signals, which are DMA control signals, are synchronized
to SDCLK. When these signals are used by an external I/O device that is synchronous to
SYSCLK, it is necessary to take clock skew into account.
The DMAACK[n] signal is asserted either at the SYSCLK cycle, the same as with assertion of
the CE*/CS* signal, or before that. In addition, it is deasserted after the last ACK*/READY signal
is deasserted.
When the DMADONE* signal (refer to 8.3.3.4) is used as an output signal, it is asserted for at
least one SYSCLK cycle while the DMAACK[n] signal is asserted either during the same
SYSCLK cycle that the CE*/CS* signal is deasserted or during a subsequent SYSCLK cycle.
When the DMADONE* signal is used as an input signal, it must be asserted for one SYSCLK
cycle while the DMAACK[n] signal is being asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com