Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 195Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 590 page
background image
Chapter 8 DMA Controller
8-22
8.4.1
DMA Master Control Register (DMMCR)
0xB0A8
This register controls the entire DMA Controller.
31
28
27
24
23
20
19
16
EIS[3:0]
DIS[3:0]
Reserved
FIFOVC
RR
R
: Type
0000
0000
000000
: Initial value
15
14
13
11
10
8
7
6
3
2
1
0
FIFVC
FIFWP
FIFRP
RSFIF
FIFUM[3:0]
Reserved
RRPT
MSTEN
R
R
R/W
R/W
R/W
R/W
: Type
000
000
0
0000
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:28
EIS[3:0]
Error Interrupt
Status
Error Interrupt Status [3:0] (Initial value: 0x0, R)
These four bits indicate the error interrupt status of each channel. EIS[n] corresponds
to channel n.
1: There is an error interrupt in the corresponding channel.
0: There is no error interrupt in the corresponding channel.
27:24
DIS[3:0]
Normal
Completion
Interrupt Status
Done Interrupt Status [3:0] (Initial value: 0x0, R)
These four bits indicate the transfer completion (transfer complete or chain ended)
interrupt status of each channel. DIS[n] corresponds to channel n.
1: There is a transfer completion interrupt in the corresponding channel.
0: There is no transfer completion interrupt in the corresponding channel.
23:20
Reserved
19:14
FIFVC
FIFO Valid Entry
Count
FIFO Valid Entry Count (Initial value: 000000, R)
These read only bits indicate the byte count of data that were written to FIFO but not
read out from the FIFO.
13:11
FIFWP
FIFO Write
Pointer
FIFO Write Pointer (Initial value: 000, R)
These read only bits indicate the next write position in FIFO. This is a diagnostic
function.
10:8
FIFRP
FIFO Read
Pointer
FIFO Read Pointer (Initial value: 000, R)
These read only bits indicate the next read position in FIFO. This is a diagnostic
function.
7
RSFIF
Reset FIFO
Reset FIFO (Initial value: 0, R/W)
This bit is used for resetting FIFO. When this bit is set to “1”, the FIFO read pointer,
FIFO write pointer and FIFO valid entry count are initialized to “0”.
If an error occurs during DMA transfer, use this bit when data remains in the FIFO
(when the FIFO Valid entry Count Field is not “0”) to initialize the FIFO.
Figure 8.4.1 DMA Master Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com