Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 590 page
background image
Chapter 8 DMA Controller
8-18
If an error is detected during DMA transfer, the error cause is recorded in the lower four bits of the
DMA Channel Status register and transfer is interrupted. An interrupt is signalled if the Error
Interrupt Enable bit (INTENE) of the DMA Channel Control Register is set.
8.3.11
Dynamic Chain Operation
It is possible to add DMA Command Descriptor chains to the DMA Command Descriptor chain
while Chain DMA transfer is in progress. This is performed according to the following procedure. This
procedure is available only when the value of the last descriptor DMSAIRn/DMDAIRn in the last
command descriptor chain is one or more than one byte.
(1) Construct the DMA Command Descriptor chain
Construct the DMA Command Descriptor chain to be added to memory.
(2) Add a DMA Command Descriptor chain
Substitute the address of the Command Descriptor at the beginning of the Descriptor Chain to be
added into the Chain Address field of the Descriptor at the end of the DMA Command Descriptor
chain that is currently performing DMA transfer.
(3) Check the Chain Enable bit
Read the value of the Chain Enable bit (CHNEN) of the DMA Channel Control Register
(DMCCRn). If that value is “0”, then write the Chain Address field value of the DMA Command
Descriptor that is indicated by the address stored in the DMA Chain Address Register
(DMCHARn).
8.3.12
Interrupts
An interrupt number (10 – 13) of the Interrupt Controller is mapped to each channel. In addition,
there are completion interrupts for when transfer ends normally and error interrupts for when transfer
ends abnormally for each channel. When an interrupt occurs, then the bit that corresponds to either the
Normal Interrupt Status field (DIS[3:0]) or the Error Interrupt Status field (EIS[3:0]) of the DMA
Master Control Register (DMMCR) is set.
Figure 8.3.6 shows the relationship between the Status bit and Interrupt Enable bit for each interrupt
cause. Refer to the explanation for each Status bit for more information regarding each information
cause.
Figure 8.3.6 DMA Controller Interrupt Signal
DMMCR.DIS[n]
DMCSRn.CFERR
DMCSRn.CHERR
DMCSRn.DESERR
DMCSRn.SORERR
DMCSRn.STLXFER
DMMCR.EIS[n]
DMCCRn.INTENE
DMCSRn.NCHNC
DMCCRn.INTENC
DMCSRn.NTRNFC
DMCCRn.INTENT
Interrupt Controller
(Interrupt No. 10 – 13)
DMCSRn.ABCHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com