Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 590 page
background image
Chapter 8 DMA Controller
8-17
The sequence of Chain DMA transfer is as follows below.
(1) Select DMA request signal
To perform external I/O or internal I/O DMA, set the DMA Request Select field of the DMA
Request Control Register (DRQCTR. DMAREQ). For external I/O DMA, also program the
function of the shared pin through the DMA Select field of the Pin Configuration Register
(PCFG.SELDMA).
(2) Set the Master Enable bit
Set the Master Enable bit (DMMCR.MSTEN) of the DMA Master Control Register.
(3) Structure of the DMA command Descriptor chain
Construct the DMA Command Descriptor Chain in memory.
(4) Set the Count Register
Set “0” to the DMA Count Register (DMCNTRn) .
Sets the DMA Source Address Increment Register (DMSAIRn) and DMA destination Address
Increment Register (MMDAIRn).
Never set 0 or less than 0 for the increment value.
(5) Clear the DMA Channel Status Register (DMCSRn)
Clear the status of the previous DMA transfer.
(6) Set the DMA Channel Control Register (DMCCRn).
(7) Initiate DMA transfer
Setting the address of the DMA Command Descriptor at the beginning of the chain list in the DMA
Chain Address Register (DMCHARn) automatically initiates DMA transfer. First, the value stored
in each field of the DMA Command descriptor at the beginning of the Chain List is read to each
corresponding DMA Channel register (Chain transfer), then DMA transfer is performed according
to the read value.
When a value other than “0” is stored in the DMA Chain Address Register (DMCHARn), data of
the size stored in the DMA Count Register (DMCNTRn) is completely transferred, then the DMA
Command Descriptor value of the memory address specified by the DMA Chain Address Register
is read.
In addition, if the Chain Address field value read the Descriptor 0, the DMA Chain Address
Register value is not updated. All previous values (Data Command Descriptor Addresses with the
value “0” in the Chain Address field when the values were read) are held.
(8) Signal completion
Set the Normal Chain End bit (NCHNC) of the DMA Channel Status Register (DMCSRn) when
DMA data transfer of all Descriptor Chains is complete. An interrupt is signalled if the Chain End
Interrupt Enable bit (INTENC) of the DMA Channel Control Register (DMCCRn) is set at this
time.
In addition, the Normal Transfer End bit (NTRNFC) of the DMA Channel Status Register
(DMCSRn) is set each time DMA data transfer specified by each DMA Command Descriptor ends
normally. An interrupt is signalled if the Transfer End Interrupt Enable bit (INTENT) of the DMA
Channel Control Register (DMCCRn) is set at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com