Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 189 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 189 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 188Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 189Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 590 page
background image
Chapter 8 DMA Controller
8-19
8.3.13
Transfer Stall Detection Function
If the period from when a certain channel last performs internal bus access to when the next internal
bus access is performed exceeds the Transfer Stall Detection Interval field (STLTIME) of the DMA
Channel Control Register (DMCCRn), the Transfer Stall Detection bit (STLXFER) of the DMA
Channel Status Register (DMCSRn) is set. An error interrupt is signalled if the Error Interrupt Enable
bit (DMCCRn.INTENE) is set.
In contrast to other error interrupts, DMA transfer is not stopped. Normal DMA transfer is executed
if bus ownership can be obtained. Furthermore, clearing the Transfer Stall Detection
(STLXFER)
resumes transfer stall detection as well.
Setting the Transfer Stall Detection Interval field (STLTIME) to “000” disables the Transfer Stall
Detection function.
8.3.14
Arbitration Among DMA Channels
The DMA Controller has an on-chip DMA Channel Arbiter that arbitrates bus ownership among four
DMA channels that use the internal bus (G-Bus). There are two methods for determining priority: the
round robin method and the fixed priority method. (See Figure 8.3.7.) The Round Robin Priority bit
(RRPT) of the DMA Master Control Register (DMMCR) selects the priority method.
•
Fixed priority (DMMCR.RRPT
= 0)
As shown below, Channel 0 has the highest priority and Channel 3 has the lowest priority.
CH0 > CH1 > CH2 > CH3
•
Round Robin method (DMMCR.RRPT
= 1)
The last channel to perform DMA transfer has the lowest priority.
•
After CH0 DMA transfer execution: CH1 > CH2 > CH3 > CH0
•
After CH1 DMA transfer execution: CH2 > CH3 > CH0 > CH1
•
After CH2 DMA transfer execution: CH3 > CH0 > CH1 > CH2
•
After CH3 DMA transfer execution: CH0 > CH1 > CH2 > CH3
a) Fixed Priority is selected
b) Round Robin Priority is selected
Figure 8.3.7 DMA Channel Arbitration
Channel 0
Channel 1
Channel 2
Channel 3
Channel 0
Channel 2
Channel 1
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com