Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 195Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 196Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 197Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 198Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 199Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 200Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 201Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 590 page
background image
Chapter 8 DMA Controller
8-28
8.4.3
DMA Channel Status Register (DMCSRn)
0xB01C (ch. 0)
0xB03C (ch. 1)
0xB05C (ch. 2)
0xB07C (ch. 3)
31
16
WAITC
R
: Type
0x0000
: Initial value
15
11
10
98
7654
3210
Reserved
CHNEN STLXFER XFACT ABCHC NCHNC NTRNFC EXTDN CFERR CHERR DESERR SORERR
R
R/W1C
R
R
R/W1C R/W1C R/W1C R/W1C R/W1C R/W1C R/W1C : Type
0
0000
0000
00
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
WAITC
Wait Counter
Wait Counter (Initial value: 0x0000, R)
This is a diagnostic function.
I/O DMA transfer mode (DMCCRn.EXTRQ = “1”)
This counter is decremented by 1 at each 64 G-Bus cycles. After channel n releases
bus ownership, this counter sets the default (the value that is the detection interval
clock cycle count set by the Transfer Stall Detection Interval field
(DMCCRn.STLTIME) divided by 64). The Transfer Stall Detect bit
(DMCSRn.STLXFER) is set when the interval during which bus ownership is not held
reaches the set clock cycle. The counter is reset to the default and stops counting.
Clearing the Transfer Stall Detect bit (DMCSRn.STLXFER) resumes the count and
starts stall detection.
Memory transfer mode (DMCCRn.EXTRQ = “0”)
This counter is decremented by 1 at each G-Bus cycle. After bus ownership is
released, the counter is set to the delay clock cycle count set by the Internal Request
Delay field (DMCCRn.INTRQD). When the counter reaches “0” the count stops and
channel n requests bus ownership.
15:11
Reserved
10
CHNEN
Chain Enable
Chain Enable (Initial value: 0, R)
This value is a copy of the Chain Enable bit (CHNEN) of the DMA Channel Control
Register (DMCCRn).
9
STLXFER
Transfer Stall
Detect
Stalled Transfer Detect (Initial value: 0, R/W1C)
This bit indicates whether the interval during which bus ownership is not held
exceeds the value set by the Transfer Stall Detect Interval field (DMCCRn.STLTIME)
after bus ownership is released when in the I/O DMA transfer mode.
1: Indicates that the interval during which bus ownership was not held exceeds the
DMCCRn.STLTIME setting.
0: The interval during which bus ownership was not held did not exceed the setting
since this bit was last cleared.
Figure 8.4.3 DMA Channel Status Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com