Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 201 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 201 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 197Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 198Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 199Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 200Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 201Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 202Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 203Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 204Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 205Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 590 page
background image
Chapter 8 DMA Controller
8-31
8.4.5
DMA Destination Address Register (DMDARn)
0xB008 (ch. 0)
0xB028 (ch. 1)
0xB048 (ch. 2)
0xB068 (ch. 3)
31
16
DADDR[31:16]
R/W
: Type
-
: Initial value
15
0
DADDR[15:0]
R/W
: Type
-
: Initial value
Bits
Mnemonic
Field Name
Description
31:0
DADDR
Destination
Address
Destination Address (Initial value: undefined, R/W)
This register sets the physical address of the transfer destination during Dual
Address transfer. This register is ignored during Single Address transfer.
Refer to “8.3.8.1 Channel Register Settings During Dual Address Transfer” for more
information.
During Burst transfer, the value changes only by the size of data transferred during
each single bus operation. During Single transfer, the value only changes by the
value specified by the DMA Destination Address Increment Register (DMDAIRn).
Figure 8.4.5 DMA Destination Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com