Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 202 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 202 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 198Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 199Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 200Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 201Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 202Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 203Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 204Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 205Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 206Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 590 page
background image
Chapter 8 DMA Controller
8-32
8.4.6
DMA Chain Address Register (DMCHARn)
0xB000 (ch. 0)
0xB020 (ch. 1)
0xB040 (ch. 2)
0xB060 (ch. 3)
31
16
CHADDR[31:16]
R/W
: Type
-
: Initial value
15
21
0
CHADDR[15:3]
Reserved
R/W
: Type
-
: Initial value
Bits
Mnemonic
Field Name
Description
31:2
CHADDR
Chain Address
Chain Address (Initial value: undefined, R/W)
When Chain DMA transfer is executed, this register sets the physical address of the
next DMA Command Descriptor to be read. If DMA transfer according to the current
Channel Register setting ends and the Chain Enable bit (DMCCRn.CHNEN) is set,
then the DMA Command Descriptor is loaded in the Channel Register starting from
the address indicated by this register.
When a value other than “0” is set in this register, the Chain Enable bit
(DMCCRn.CHNEN) and the Transfer Active bit (DMCCRn.XFACT) are set. When “0”
is set in this register, only the Chain Enable bit (DMCCRn.CHNEN) is cleared.
When the Chain Address field value reads a DMA Command Descriptor of 0, the
value of this register is not updated and the value before that one (address of the
Data Command Descriptor when the value of the Chain Address field being read was
“0”) is held.
2:0
Reserved
Figure 8.4.6 DMA Chain Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com