Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 205 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 205 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 201Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 202Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 203Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 204Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 205Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 206Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 207Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 208Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 590 page
background image
Chapter 8 DMA Controller
8-35
8.4.9
DMA Count Register (DMCNTRn)
0xB00C (ch. 0)
0xB02C (ch. 1)
0xB04C (ch. 2)
0xB06C (ch. 3)
31
26
25
16
Reserved
DMCNTR[25:16]
R/W
: Type
-
: Initial value
15
0
DMCNTR[15:0]
R/W
: Type
-
: Initial value
Bits
Mnemonic
Field Name
Description
31:26
Reserved
25:0
DMCNTR
Count
Count Register (Initial value: undefined, R/W)
This register sets the byte count that is transferred by the DMA Channel Register
setting. The value is a 26-bit unsigned data that is decremented only by the size of
the data transferred during a single bus operation.
Refer to “8.3.7.1 Channel Register Settings During Single Address Transfer” and
“8.3.8.1 Channel Register Settings During Dual Address Transfer” for more
information.
Figure 8.4.9 DMA Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com