Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 234Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 590 page
background image
Chapter 9 SDRAM Controller
9-10
9.3.4
Low Power Consumption Function
9.3.4.1
Power Down Mode, Self-Refresh Mode, Deep Power Down Mode
SDRAM has two low power consumption modes called the Power Down mode and the Self-
Refresh mode. Memory data is lost in the case of the Power Down mode since Memory Refresh is
not performed, but the amount of power consumed is reduced the most. Memory data is not lost in
the case of the Self-Refresh mode.
SDRAM is set to the Power Down mode by using the SDRAM Command Register (SDCCMD)
to issue the Power Down Mode command. Similarly, SDRAM is set to the Self-Refresh mode by
issuing the Self-Refresh Mode command. The SDRAMC terminates internal refresh circuit
operation after one of these commands has been issued. Issuing the Normal Mode command
returns operation to normal.
When the Power Down Auto Entry bit (SDCTR.PDAE) of the SDRAM Timing Register is set,
SDRAM is automatically set to the Power Down mode when memory access is not being
performed. The SDRAMC internal refresh circuit will continue operating, so there will be no loss
of memory data.
If either the Memory Access, Memory Refresh, or Memory command is executed while
SDRAM is set to the Power Down mode or the Self-Refresh mode, then the Power Down mode
and Self-Refresh mode will automatically terminate, and memory access will be performed.
After returning from a low power consumption mode that was set by either the Power Down
Mode command or the Self-Refresh Mode command, the next memory access starts after 10
SDCLK cycles pass. This latency sufficiently follows the stipulated time from Power Down to
first access of the SDRAM.
If setting the Power Down Auto Entry bit automatically causes memory access to be requested
when set in the Power Down mode, then add 1 SDCLK cycle more of access latency than when
not in the Power Down mode.
SyncFlash has two low power consumption modes called the Power Down mode and the Deep
Power Down mode. Memory data is not lost in both mode. SyncFlash need the device power-up
initialize sequence in the case of the Deep Power Down mode, but the amount of power consumed
is reduced the most.
9.3.4.2
Advanced CKE
Advanced CKE is a function that speeds up the CKE assertion and deassertion timing by 1
clock cycle. This function is set using the Address CKE bit (SDCTR.ACE) of the SDRAM Timing
Register.
Advanced CKE assumes that it will be used in a system where SDRAM data is saved even
when the power to the TX4925 itself is cut. Since CKE On/Off becomes 1 cycle faster, it is
possible to delay CKE by 1 clock cycle using external power consumption control logic. Please set
the SDRAM to the Self-Refresh mode before using this function.
When combining advanced CKE functionality with Power Down Auto Entry functionality and
memory access is requested while in the Power Down mode, two more SDCLK cycles of latency
are added than would be the case when not in the Power Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com