Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 239 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 239 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 235Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 236Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 243Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 590 page
background image
Chapter 9 SDRAM Controller
9-11
9.3.5
Bus Errors
The SDRAMC detects bus errors in the following situations:
•
Bus time-out occurs during Read or Write operation to the SDRAMC
If a bus error occurs when accessing the SDRAMC, then the SDRAMC will immediately abort
current operation. Then, the current SDRAM cycle will end, remaining SDRAMC operations will be
aborted, a Pre-charge All command will be issued to SDRAM, then the SDRAMC will return to the Idle
state.
9.3.6
Memory Read and Memory Write
The RAS* signal, CAS* signal, WE*, signal, ADDR[19:16], SADDR10, and ADDR[14:5] signal are
set up 1 cycle before the SDCS* signal is asserted in the case of the Read command, Write command,
Pre-charge command, or Mode Register Set command. The same set up time is observed even for active
commands if the Active Command Ready bit (SDCTR.DA) of the SDRAM Timing Register is set.
Figure 9.5.1 is a timing diagram of Single Read operation when the SDCTR.DA bit is cleared. Figure
9.5.2 is a timing diagram of Single Read operation when the SDCTR.DA bit is set.
Burst or Single Read operation is terminated by the Pre-charge Active Bank command. Burst or
Single Write operation is terminated by the Auto Pre-charge Command.
9.3.7
Slow Write Burst
When the Slow Write Burst bit (SDCTR.SWB) of the SDRAM Timing Register is cleared, the data
changes at each cycle during Burst Write operation (Figure 9.5.6). When the Slow Write Burst bit is set,
the data will change every other cycle (Figure 9.5.7).
When Slow Write Burst bit is set, it always operates as tRCD = 3tCK against all write access in no
relation with the value of RAS-CAS Delay bit (SDCTR.RCD) of SDRAM Timing Register. When slow
write burst is invalid, the value of RAS-CAS Delay bit is valid. During read access the value of RAS-
CAS Delay bit is valid in no relation with Slow Write Burst bit setup.
9.3.8
Clock Feedback
When performing Read access at fast rates like 80 MHz, there may be insufficient set up time if an
attempt to directly latch Read data with the internal clock is made. With the TX4925, it is possible to
latch data using SDRAM clock SDCLKIN that is input from outside the chip. Please connect
SDCLKIN to one of the SDCLK[1:0] pins and the external source.
9.3.9
SyncFlash ®
SDRAMC supports SyncFlash Memory. This memory is drop-in compatible with SDRAM for reads
and require a special command sequence for writes and other control operations. The Low power
consumption function is some different from SDRAM. Please refer 9.3.4 in detail.
A write to SFCMD register performs a Load Command Register (LCR) Cycle that is the first cycle of
SyncFlash memory command sequences to the SyncFlash device. The SyncFlash are fully supported in
16-bit mode for reads and writes (programming) with one exception. In order to read the “Device ID”
or “Device protect bit” using the Read Device Configuration LCR operation, the Memory Width field
for SyncFlash channel should be briefly set to 32-bit mode (SDCCRn.MW = 0). The relevant data will
be on the lower data bus, Data[15:0]. This allows the SDRAMC to correctly generate the odd address
necessary to read these SyncFlash configuration registers. All other LCR commands and reads and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com