Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 243 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 243 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 246Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 247Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 590 page
background image
Chapter 9 SDRAM Controller
9-15
9.4.2
SDRAM Timing Register (SDCTR)
0x8020
31
29
28
27
26
25
24
23
22
18
17
16
BC
ACP
PT
RCD
ACE
PDAE
RC
CASL
DRB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
101
11
1
1
0
0
00000
1
0
: Initial
value
15
14
13
12
11
0
DA
SWB
DIA
RP
R/W
R/W
R/W
R/W
: Type
1
1
11
0x270
: Initial
value
Bits
Mnemonic
Field Name
Description
31:29
BC
Bank Cycle Time
Bank Cycle Time (tRC) (Initial value: 101, R/W)
Specifies the bank cycle time.
(*2)
000: 5 tCK
(*1)
100: 9 tCK
001: 6 tCK
101: 10 tCK
010: 7 tCK
110: Reserved
011: 8 tCK
111: Reserved
28:27
ACP
Active Command
Time
Active Command Period (tRAS) (Initial value: 11, R/W)
Specifies the active command time.
00: 3 tCK
01: 4 tCK
10: 5 tCK
11: 6 tCK
26
PT
Precharge Time
Precharge Time (tRP) (Initial value: 1, R/W)
Specifies the precharge time.
0: 2 tCK
1: 3 tCK
25
RCD
RAS-CAS Delay
RAS to CAS Delay (tRCD) (Initial value: 1, R/W)
Specifies the RAS - CAS delay.
0: 2 tCK
1: 3 tCK
24
ACE
Advanced CKE
Advanced CKE enable (Initial value: 0, R/W)
Enabling this function makes the timing at which CKE changes one cycle earlier.
0: Disable
1: Enable
23
PDAE
Power Down
Auto Entry
Power Down Auto Entry Enable (Initial value: 0, R/W)
Enabling this function makes CKE become “L” while the SDRAMC is in the Idle
state. When refresh, memory access, or command execution is performed, CKE
automatically becomes “H”, the requested operation is performed, then CKE returns
to “L” when the operation is complete.
0: Disable
1: Enable
Figure 9.4.2 SDRAM Timing Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com