Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 237Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 238Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 239Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 590 page
background image
Chapter 9 SDRAM Controller
9-13
9.4.1
SDRAM Channel Control Register (SDCCR0)
0x8000 (ch. 0)
(SDCCR1)
0x8004 (ch. 1)
(SDCCR2)
0x8008 (ch. 2)
(SDCCR3)
0x800C (ch. 3)
31
21
20
16
BA
AM[31:27]
R/W
R/W
: Type
0x1FC/0x000
0x0
: Initial
value
15
10
987
6543
210
AM[26:21]
CE
MT
RD
Reserved
RS
CS
MW
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0x00
000
0000
000
: Initial
value
Bits
Mnemonic
Field Name
Description
31:21
BA[31:21]
Base Address
Base Address (Initial value: (0x1FC & (ADDR[8:6]==000)/0x000, R/W)
Specifies the base address. The upper 11 bits [31:21] of the physical address are
compared to the value of this field.
(Note)
When ADDR[8:6] is 000b: 0x1FC (select SyncFlash as the Boot memory)
For all other ADDR[8:6] values: 0x000
20:10
AM[31:21]
Address Mask
Address Mask (Initial value: 0x000, R/W)
Sets the valid bits for address comparison according to the base address.
0: Bits of the corresponding BA field are compared.
1: Bits of the corresponding BA field are not compared.
9
CE
Channel Enable
Enable (Initial value: (ADDR[8:6]==000)/0, R/W)
Specifies whether to enable a channel.
If ADDR[8:6] are 000 during the boot sequence to select SyncFlash as the boot
memory, the value in channel 0 become 1.
0: Disable
1: Enable
8
MT
Memory Type
Memory Type (Initial value: (ADDR[8:6]==000)/0, R/W)
Specifies whether SDRAM or SynvFlash.
If ADDR[8:6] are 000 during the boot sequence to select SyncFlash as the boot
memory, the value in channel 0 become 1.
0: SDRAM
1: SyncFlash
7
RD
Registered DIMM
Registered DIMM (Initial value: 0, R/W)
Specifies whether the SDRAM connected to the channel is Registered memory.
0: Disable Registered memory
1: Enable Registered memory
6
Reserved
Note: this bit is always set to “0” (Initial value: 0, R/W)
5:4
RS
Row Size
Row Size (Initial value: ((-ADDR[5], ADDR[2]) & (ADDR[8:6]==000))/00, R/W)
Specifies the row size.
If ADDR[8:6] are 000 during the boot sequence to select SyncFlash as the boot
memory, the value of ADDR[5,2] during the boot sequence are set in these bits.
00: 2048 Rows (11 bits)
01: 4096 Rows (12 bits)
10: 8192 Rows (13 bits)
11: Reserved
(Note)
When ADDR[8:6] is 000b: Up to ADDR[5], ADDR[2] (select SyncFlash as
the Boot memory) For all other ADDR[8:6] values: 00
Figure 9.4.1 SDRAM Channel Control Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com