Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 240Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 241Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 242Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 243Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 244Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 245Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 246Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 247Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 590 page
background image
Chapter 9 SDRAM Controller
9-16
Bits
Mnemonic
Field Name
Description
22:18
RC
Refresh Counter
Refresh Counter (Initial value: 00000, R/W)
This counter is decremented at each refresh. If the refresh circuit is activated and a
value other than “0” is loaded, this field becomes a down counter that stops at “0”. A
value other than “0” must be reloaded to start the countdown again. This is used
during memory initialization.
17
CASL
CAS Latency
CAS Latency (tCASL) (Initial value: 1, R/W)
Specifies the CAS latency.
0: 2 tCK
1: 3 tCK
16
DRB
Data Read
Bypass
Data Read Bypass (Initial value: 0, R/W)
Selects the Data Read path used.
0: Data Read latches to the register using the feedback clock.
1: Data Read bypasses the feedback clock latch.
15
DA
Active Command
Delay
Delay Activate (tDA) (Initial value: 1, R/W)
Specifies the delay from the row address to the bank active command. Setting this
bit to “1” sets up the row address two cycles before the active command is
executed.
0: 0 tCK
1: 1 tCK
14
SWB
Slow Write Burst
Slow Write Burst (tSWB) (Initial value: 1, R/W)
Specifies whether to perform Slow Write Burst.
0: Burst Write occurs at each 1 tCK
1: Burst Write occurs at each 2 tCK
13:12
DIA
Write Active
Period
Data In to Active(tDAL) (Initial value: 11, R/W)
Specifies the period from the last Write data to the Active command.
00: Reserved
01: 4 tCK
10: 5 tCK
11: 6 tCK
11:0
RP
Refresh Period
Refresh Period (Initial value: 0x270, R/W)
Specifies the clock cycle count that generates the refresh cycle. Refresh is only
enabled when at least one SDRAM channel is enabled. Please program the Timing
Register before an arbitrary channel is enabled.
Default is 0x270. A refresh cycle occurs for each 7.8
µs@80 MHz in this situation.
The Refresh Cycle count clock is GBUSCLKF. The CCFG.RF value does not
change the frequency of GBUSCLKF. Therefore, it is not necessary to change this
register value even when CCFG.RF lowers the chip operation clock frequency.
Figure 9.4.2 SDRAM Timing Register (2/2)
*1:
tCK = Clock cycle
*2:
tRC is used during (i) refresh cycle time, (ii) single Read, (iii) two transfer burst Reads. The bank
cycle time is tRAS + tRP + 1tCK if tRAS + tRP < tRC in the case of (ii) (iii).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com