Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 264 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 264 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 260Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 261Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 262Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 263Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 264Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 265Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 266Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 267Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 268Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 590 page
background image
Chapter 10 PCI Controller
10-2
10.1.4
PCI Arbiter
•
Supports four external PCI bus masters
•
Uses the Programmable Fairness algorithm (two levels with different priorities for four round-
robin request/grant pairs)
•
Supports bus parking
•
Bus master uses the Most Recently Used algorithm
•
Unused slots and broken masters can be automatically disabled after Power On reset
•
On-chip arbitration function can be disabled and external arbiter can be used
10.1.5
PDMAC (PCI DMA Controller)
•
Direct Memory Access (DMA) Controller dedicated to 1-channel PCI
•
Is possible to transfer data using minimal G-Bus bandwidth
•
Data can be transferred bidirectionally between the G-Bus and the PCI Bus
•
Specifying a physical address on the PCI Bus and an address on the G-Bus makes it possible to
automatically transfer data between the PCI Bus and the G-Bus
•
Supports the Chain DMA mode, in which a Descriptor containing chain-shaped addresses and a
transfer size is automatically read from memory while DMA transfer continuous
•
On-chip 16-stage 32-bit data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com