Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 266 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 266 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 262Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 263Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 264Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 265Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 266Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 267Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 268Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 269Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 270Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 590 page
background image
Chapter 10 PCI Controller
10-4
10.3 Detailed Explanation
10.3.1
Terminology Explanation
The following terms are used in this chapter.
•
Initiator
Means the bus Master of the PCI Bus. The TX4925 operates as the initiator when it obtains the
PCI Bus and issues PCI access.
•
Target
Means the bus Slave of the PCI Bus. The TX4925 operates as the target when an external PCI
device on the PCI Bus executes PCI access to the TX4925.
•
Host mode
One PCI Host device exists for one PCI Bus. The PCI Host device uses a PCI configuration
space to perform PCI configuration on other PCI devices on the PCI Bus.
The TX4925 is set to the Host mode if the ADDR[15] signal is High when the RESET* signal is
being deasserted.
•
Satellite mode
A PCI device other than the PCI Host device accepts configuration from the PCI Host device.
This state is referred to as the Satellite mode.
The TX4925 is set to the Satellite mode if the ADDR[15] signal is Low when the RESET*
signal is being deasserted.
•
DWORD, QWORD
DWORD expresses 32-bit words, and QWORD expresses 64-bit words. According to
conventions observed regarding MIPS architecture, this manual uses the following expressions:
Byte: 8-bit
Half-word: 16-bit
Word: 32-bit
Double-word: 64-bit
10.3.2
On-Chip Register
The PCI Controller on-chip register contains the PCI Configuration Space Register and the PCI
Controller Control Register. The registers that can be accessed vary according to whether the current
mode is the Host mode or the Satellite mode.
An external PCI Host device only accesses the PCI Configuration Space Register when in the
Satellite mode. This register is defined in the PCI Bus Specifications. A PCI configuration cycle is used
to access this register. This register cannot be accessed when in the Host mode. Section 10.5 “PCI
Configuration Space Register” explains each register in detail.
The PCI Controller Control Register is only accessed by the TX49 core and cannot be accessed from
the PCI Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com