Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 267 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 267 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 263Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 264Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 265Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 266Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 267Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 268Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 269Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 270Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 271Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 590 page
background image
Chapter 10 PCI Controller
10-5
Registers in the PCI Controller Control Register that include an offset address in the range from
0xD000 to 0xD07F can only be accessed when in the Host mode and cannot be accessed when in the
Satellite mode. These registers correspond to PCI Configuration Space Registers that an external PCI
Host device accesses when in the Satellite mode. Section 10.4 “PCI Controller Control Register”
explains each register in detail.
Figure 10.3.1illustrates the register map when in the Host mode. Figure 10.3.2 illustrates the register
map when in the Satellite mode.
Figure 10.3.1 Register Map in the Host Mode
Figure 10.3.2 Register Map in the Satellite Mode
PCI Controller Control Register
Reserved
Reserved
G-Bus Address Space
PCI Bus Configuration Space
0xDFFF
0xD270
0xD000
0x00
0x80
0xFF
PCI Controller
Control Register
PCI Configuration
Space Register
Reserved
G-Bus Address Space
PCI Bus Configuration Space
0xDFFF
0xD270
0xD000
0x00
0x60
0xFF
Reserved
0xD060
Reserved
0xd0
0xD0d0
0xD100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com