Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 271 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 271 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 267Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 268Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 269Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 270Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 271Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 272Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 273Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 274Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 275Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 590 page
background image
Chapter 10 PCI Controller
10-9
When expressed as a formula, conversion of a G-Bus address (GBusAddr[31:0]) into a PCI Bus
Address (PCIAddr[31:0]) is as follows below. GBASE[31:8], PBASE[31:8], and AM[28:8] each
represent the setting register of the corresponding access window indicated below in Table 10.3.2. The
“&” symbol indicates a logical AND for each bit, “||” indicates a logical OR for each bit, “!” indicates
logical NOT, and “|” indicates bit linking.
If ((GBusAddr[31:29] | (GBusAddr[28:8] & ! AM[28:8] == GBASE[31:29] | (GBASE[28:8] & ! AM[28:8]) then
PCIAddr[31:0] = PBASE[31:29] | ((PBASE[28:8] & ! AM[28:8]) || (GBusAddr[28:8] & AM[28:8]))
| GBusAddr[7:0];
Table 10.3.2 Initiator Access Space Address Mapping Register
G-Bus Base Address
GBASE[31:8]
PCI Bus Base Address
PBASE[31:8]
Address Mask
AM[28:8]
Memory Space 0
G2PM0GBASE.BA[31:8]
G2PM0PBASE.BA[31:8]
G2PM0MASK.AM[28:8]
Memory Space 1
G2PM1GBASE.BA[31:8]
G2PM1PBASE.BA[31:8]
G2PM1MASK.AM[28:8]
Memory Space 2
G2PM2GBASE.BA[31:8]
G2PM2PBASE.BA[31:8]
G2PM2MASK.AM[28:8]
I/O Space
G2PIOGBASE.BA[31:8]
G2PIOPBASE.BA[31:8]
G2PIOMASK.AM[28:8]
Figure 10.3.4 illustrates this address conversion.
Figure 10.3.4 Address Conversion For Initiator (G-Bus
→ PCI Bus Address Conversion)
It is possible to set each space to valid/invalid or to perform Word Swap (see “10.3.7 Endian
Switching Function”). Table 10.3.3 shows the settings registers for these properties.
Also, operation is not guaranteed if resources in the PCI space were made cacheable and were then
accessed when the Critical Word First function of the TX49/H2 core was enabled.
GBusAddr
0
31
0x00
0
31
7
8
Compare
GBASE
0x00
0
31
7
8
AM
000
000 - - - - - - - - - - - 0 0 1 1 1 - - - - - - - - - - - - - - -
0x00
0
31
7
8
PBASE
0
31
PCIAddr
29 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com