| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 272 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 272 Page - Toshiba Semiconductor |
|
272 / 590 page ![]() Chapter 10 PCI Controller 10-10 Table 10.3.3 Initiator Access Space Properties Register Enable Word Swap Memory Space 0 BusMasterEnable & G2PCFG.G2PM0EN G2PCFG.BSWAPM0 Memory Space 1 BusMasterEnable & G2PCFG.G2PM1EN G2PCFG.BSWAPM1 Memory Space 2 BusMasterEnable & G2PCFG.G2PM2EN G2PCFG.BSWAPM2 I/O Space BusMasterEnable & G2PCFG.G2PIOEN G2PCFG.BSWAPIO BusMasterEnable: Host mode: PCI State Command Register Bus Master Bit (PCISTATUS.BM) Satellite mode: Command Register Bus Master bit 10.3.5 Target Access (PCI Bus → G-Bus Address Conversion) During PCI target access, the PCI Bus address of the Bus transaction issued by the PCI Bus is converted into a G-Bus address and is used to issue a Bus transaction on the G-Bus. 32-bit PCI Bus addresses are used on the PCI Bus. Also, 32-bit physical addresses are used on the G-Bus. Three memory access windows and one I/O access window can be set in the PCI bus space (Figure 10.3.5). The size of each memory window is variable from 1 MByte to 512 MBytes. The size of the I/O windo is variable from 256 Bytes to 64 Kbytes. When Bus transactions to these access windows is issued on the PCI Bus, these Bus transactions are accepted as PCI target devices. The PCI Bus Address is converted into G-Bus addresses, then Bus transactions are issued to the G-Bus. The memory space window responds to the PCI memory space access command. The I/O space window responds to the PCI I/O space access command. Figure 10.3.5 Target Access Memory Window Memory Access Window I/O Access Window 0x00_0000_0000 0xFFFF_FFFF 0x0000_0000 0x00_0000_0000 0xFFFF_FFFF 0xFFFF_FFFF PCI I/O Space G-Bus Space PCI Memory Space |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |