Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 276 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 276 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 272Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 273Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 274Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 275Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 276Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 277Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 590 page
background image
Chapter 10 PCI Controller
10-14
Initial state operation matches the correspondence between the address and byte data regardless of the
endian mode (operation is address consistent). For example, if WORD (16-bit) data is written to address
0 of the PCI Bus when the TX4925 is in the Big Endian mode, the upper byte (address 0 in Big Endian)
is written to PCI Bus address 0 and the lower byte (address 1 in Big Endian) is written to address 1 of
the PCI Bus. For Little Endian PCI devices, this means that the byte order is reversed.
When in the Big Endian mode and a particular access window Endian switching mechanism is
validated, data is transferred so the byte order does not change in DWORD (32-bit) access to that access
window.
Endian switching during initiator access is specified by the Byte Swap bit (BSWAPMn, BSWAPIO)
of the G2P Configuration Register (G2PCFG) of the access window for each initiator access (see Table
10.3.3).
Ending switching during target access is specified by the Byte Swap bit (BSWAP) of the G2P
Memory Space n Control Register (P2GMnCTR) or G2P I/O Space Control Register (P2GIOCTR) of
the access window for each target access.
10.3.8
Power Management
The TX4925 PCI Controller supports power management functions that are compliant to PCI Bus
Power Management Interface Specifications Version 1.1 (Partially unsupported).
The PCI Host device controls the system status by reporting the power management state to the PCI
Satellite device.
10.3.8.1 Power Management State
In the case of the PCI Bus Power Management Interface Specifications, four power management
states are defined from State D0 to State D3. The TX4925 supports states D0 through D3. Figure 10.3.8
illustrates the power management state transition.
After Power On Reset, or when transitioning from the D3HOT state to the D0 state, the power
management state becomes uninitialized D0. If initialized by the system software at this point, the state
transitions to D0 Active.
If an external PCI Host device writes 11b (D3HOT) to the PowerState field of the Power Management
Control Status Register (PMCSR) of the Configuration space when in the Satellite mode, then the
Power Management State Change bit (P2GSTATUS.PMSC) of the P2G Status Register is set and
transitions to the D3HOT state. It then becomes possible to report Power State Change interrupts. The
PowerState field value can be read from the PowerState field (PCISSTATUS.PS) of the Satellite Mode
PCI Status Register.
The TX4925 uses software to change the system status after a status change is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com