Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 277 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 277 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 273Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 274Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 275Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 276Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 277Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 590 page
background image
Chapter 10 PCI Controller
10-15
Figure 10.3.8 Transition of the Power Management States
10.3.9
PDMAC (PCI DMA Controller)
The PCI DMA Controller (PDMAC) is a one-channel PCI Director Memory Access (DMA)
controller. Data can be transferred bidirectionally between the G-Bus and the PCI Bus.
10.3.9.1 DMA Transfer
The following DMA transfer procedure does not use the Chain DMA mode.
(1) Address Register and Count Register Setting
Sets values for the three following registers.
•
PDMAC G-Bus Address Register (PDMGA)
•
PDMAC PCI Bus Address Register (PDMPA)
•
PDMAC Count Register (PDMCTR)
(2) Chain Address Register Setting
Sets “0” to the PDMAC Chain Address Register (PDMCA).
(3) PDMAC Status Register (PDMSTATUS) Clearing
Clears any remaining status from a previous DMA transfer.
(4) PDMAC Control register (PDMCFG) Setting
Clears the Channel Reset bit (CHRST), and makes settings such as the data transfer direction
(XFRDIRC), and the burst mode (BRSTMD).
(5) DMA Transfer Initiation
Setting the Transfer Active bit (XFRACT) of the PDMAC Control Register initiates DMA
transfer.
D0
Uninitialized
D0 Active
D3hot
D3cold
PCI RST*
*
(RESET*
*)
VCC Cut-off
Software Reset
Power On Reset
(RESET*
*)
Initialization by the
System Software
Change PMCSR
PowerState



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com