Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 279 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 279 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 275Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 276Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 277Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 590 page
background image
Chapter 10 PCI Controller
10-17
(5) DMA Transfer Initiation
Setting the address of the DMA Command descriptor that is at the beginning of the Chain
List in the PDMAC Chain Address Register (PDMCA) automatically initiates DMA
transfer.
First, the values stored in each field of the DMA Command Descriptor that is at the
beginning of the Chain List are read to each corresponding PDMAC Register, then DMA
transfer is performed according to the read values.
If a value other than “0” is stored in the PDMAC Chain Address Register (PDMCA), data
transfer of the size stored in the PDMAC Count Register is complete, then the DMA
Command Descriptor value for the memory address specified by the PDMAC Chain Address
Register is read.
When the Chain Address field value reads a descriptor of “0”, the PDMAC Chain Address
Register value is not updated and the previous value (address of the Data Command
Descriptor at which the Chain Address field value is “0” when read) is held.
(6) Termination Report
When DMA data transfer of all descriptor chains terminates normally, the Normal Chain
Complete bit (NCCMP) of the PDMAC Status Register is set. An interrupt is reported if the
Chain Termination Interrupt Enable bit (MCCMPIE) of the PDMAC Control register
(PDMCFG) is set.
Also, the Normal Data Transfer Complete bit (NTCMP) of the DPMAC Status Register is set
each time the DMA data transfer specified by a DMA Command Descriptor terminates
normally. An interrupt is reported if the Normal Data Transfer Complete Interrupt Enable bit
(NTCMPIE) of the PDMAC Control Register (PDMCFG) is set.
If an error is detected during DMA transfer, the error cause is recorded in the lower 5 bits of
the PDMAC Status Register and the transfer is aborted. An interrupt is then reported if the
Error Detection Interrupt Enable bit (ERRIE) of the PDMAC Control register is set.
10.3.9.3 Dynamic Chain Operation
It is possible to dynamically add other DMA Command Descriptor Chains to a DMA Command
Descriptor Chain that is currently being processed when executing DMA data transfer. This is
done according to the following procedure.
(1) DMA Command Descriptor Chain Construction
Constructs a DMA Command Descriptor Chain in memory.
(2) Addition of DMA Command Descriptor Chains
Substitutes the address of the command descriptor that is at the beginning of the descriptor
chain to be added into the Descriptor Chain Address field at the end of the DMA Command
Descriptor Chain that is currently performing DMA transfer.
(3) Chain Enable bit checking
Reads the value of the Chain Enable bit (CHNEN) in the PDMAC Control Register
(PDMCFG). If the read value is “0”, then the Chain Address field value of the DMA
Command Descriptor indicated by the address stored in the PDMAC Chain Address Register
(PDMCA) is written to the PDMAC Chain Address Register (PDMCA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com