Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 590 page
background image
Chapter 10 PCI Controller
10-21
All 8 Bus Masters cannot be used on the TX4925. However, the Bus Master priority would be
as follows if we assume there is a hypothetical device that can use all 8 Bus Masters and all 8 Bus
Masters (Masters A – D, W – Z) simultaneously requested the bus.
A
→ B → C → D → W
→ A → B → C → D → X
→ A → B → C → D → Y
→ A → B → C → D → Z
→ A (returns to the beginning)
Since the priority can only transition in the order indicated by the above arrows (or the arrows
in Figure 10.3.9, if we assume that the three Bus Masters A, B, and W exist, then Master B will
obtain the bus first. If A and W then simultaneously request the bus, then PCI Bus ownership will
transition in the order B
→ W → A.
10.3.11.3 Bus Parking
The On-chip PCI Bus Arbiter supports bus parking.
The last PCI Bus Master is made the Park Master when the Fix Park Master bit (FIXPM) of the
PCI Bus Arbiter Configuration Register (PBACFG) is cleared (in the default state). When this bit
is set, the Internal PCI Bus Arbiter Request A Port (Master A) becomes the Park Master.
10.3.11.4 Broken Master Detect
The TX4925 On-chip PCI Bus Arbiter has a function for automatically detecting broken
masters.
If the PCI Bus Master requests and is granted the bus when the PCI Bus is in the Idle state, this
master must assert the FRAME* signal within 16 PCI Clock cycles and start a transaction. The
PCI Bus Arbiter recognizes any device that breaks this rule as a broken bus master and removes
that device from the bus arbitration sequence.
This detection function is enabled when the Broken Master Check Enable bit (BMCEN) of the
PCI Bus Arbiter Configuration Register (PBACFG) is set. When a broken master is detected, the
Broken Master Detection bit (PBSTATUS.BMD) of the PCI Bus Arbiter Status Register is set and
the bit in the PCI Bus Arbiter Broken Master Register (PBABM) that corresponds to that master is
set. Then it also becomes possible to report an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com