Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 285 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 285 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 289Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 590 page
background image
Chapter 10 PCI Controller
10-23
10.4 PCI Controller Control Register
Table 10.4.1 lists the registers contained in the PCI Controller Control Register. Parentheses in the register
names indicate the corresponding PCI Configuration Space Register.
Table 10.4.1 PCI Controller Control Register (1/2)
Section
Address
Bit Width
Mnemonic
Register Name
10.4.1
0xD000
32
PCIID
ID Register (Device ID, Vendor ID)
10.4.2
0xD004
32
PCISTATUS
PCI Status, Command Register (Status, Command)
10.4.3
0xD008
32
PCICCREV
Class Code, Revision ID Register (Class Code, Revision ID)
10.4.4
0xD00C
32
PCICFG1
PCI Configuration 1 Register
(BIST, Header Type, Latency Timer, Cache Line Size)
10.4.5
0xD010
32
P2GM0PBASE
P2G Memory Space 0 PCI Base Address Register (Memory Space 0
Base Address)
10.4.6
0xD014
32
P2GM1PBASE
P2G Memory Space 1 PCI Base Address Register (Memory Space 1
Base Address)
10.4.7
0xD018
32
P2GM2PBASE
P2G Memory Space 2 PCI Base Address Register (Memory Space 2
Base Address)
10.4.8
0xD01C
32
P2GIOPBASE
P2G I/O Space PCI Base Address Register (I/O Space Base Address)
10.4.9
0xD02C
32
PCISID
Subsystem ID Register (Subsystem ID, Subsystem Vendor ID)
10.4.10
0xD034
32
PCICAPPTR
Capabilities Pointer Register (Capabilities Pointer)
10.4.11
0xD03C
32
PCICFG2
PCI Configuration 2 Register
(Max_Lat, Min_Gnt, Interrupt Pin, Interrupt Line)
10.4.12
0xD040
32
G2PTOCNT
G2P Timeout Count Register
(Retry Timeout Value, TRDY Timeout Value)
10.4.13
0xD060
32
G2PCFG
G2P Configuration Register
10.4.14
0xD064
32
G2PSTATUS
G2P Status Register
10.4.15
0xD068
32
G2PMASK
G2P Interrupt Mask Register
0xD06C

(Reserved)
10.4.16
0xD088
32
PCISSTATUS
Satellite Mode PCI Status Register (Status, PMCSR)
10.4.17
0xD08C
32
PCIMASK
PCI Status Interrupt Mask Register
10.4.18
0xD090
32
P2GCFG
P2G Configuration Register
10.4.19
0xD094
32
P2GSTATUS
P2G Status Register
10.4.20
0xD098
32
P2GMASK
P2G Interrupt Mask Register
10.4.21
0xD09C
32
P2GCCMD
P2G Current Command Register
10.5.1
0xD0DC
8
Cap_ID
Capability ID Register
10.5.2
0xD0DD
8
Next_Item_Ptr
Next Item Pointer Register
10.5.3
0xD0DE
16
PMC
Power Management Capability Register
10.5.4
0xD0E0
16
PMCSR
Power Management Control/Status Register
10.4.22
0xD100
32
PBAREQPORT
PCI Bus Arbiter Request Port Register
10.4.23
0xD104
32
PBACFG
PCI Bus Arbiter Configuration Register
10.4.24
0xD108
32
PBASTATUS
PCI Bus Arbiter Status Register
10.4.25
0xD10C
32
PBAMASK
PCI Bus Arbiter Interrupt Mask Register
10.4.26
0xD110
32
PBABM
PCI Bus Arbiter Broken Master Register
10.4.27
0xD114
32
PBACREQ
PCI Bus Arbiter Current Request Register (for diagnostics)
10.4.28
0xD118
32
PBACGNT
PCI Bus Arbiter Current Grant Register (for diagnostics)
10.4.29
0xD11C
32
PBACSTATE
PCI Bus Arbiter Current State Register (for diagnostics)
10.4.30
0xD120
32
G2PM0GBASE
G2P Memory Space 0 G-Bus Base Address Register
10.4.31
0xD128
32
G2PM1GBASE
G2P Memory Space 1 G-Bus Base Address Register
10.4.32
0xD130
32
G2PM2GBASE
G2P Memory Space 2 G-Bus Base Address Register
10.4.33
0xD138
32
G2PIOGBASE
G2P I/O Space G-Bus Base Address Register
10.4.34
0xD140
32
G2PM0MASK
G2P Memory Space 0 Address Mask Register
10.4.35
0xD144
32
G2PM1MASK
G2P Memory Space 1 Address Mask Register
10.4.36
0xD148
32
G2PM2MASK
G2P Memory Space 2 Address Mask Register
10.4.37
0xD14C
32
G2PIOMASK
G2P I/O Space Address Mask Register
10.4.38
0xD150
32
G2PM0PBASE
G2P Memory Space 0 PCI Base Address Register
10.4.39
0xD158
32
G2PM1PBASE
G2P Memory Space 1 PCI Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com