Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 590 page
background image
Chapter 10 PCI Controller
10-22
10.3.12 PCI Boot
Setting the configuration during boot up (ADDR[8:6] = 0x011) makes it possible to set the reset
exception vector address of the TX49/H2 core to PCI Bus address 0xBFC0_0000.
Two windows of the memory space from the G-Bus to the PCI Bus space are used when in the PCI
Boot mode. The defaults of several registers are changed as indicated below.
•
G-Bus base address (G2GBASE):
0x1FC0_0000
•
Space size (G2PM2MASK):
4 MB
•
PCI Bus base address (G2PM2PBASE):
0xBFC0_0000
•
Initiator Memory Space 2 Enable (PCICCFG.G2PM2EN):
1
•
Bus Master bit (PCISTATUS.BM) [Only when in the Host mode]
1
•
Target Configuration Access Ready
(PCICSTAUTS.TCAR) [Only when in the Satellite mode]
1
Also, the on-chip PCI Bus Arbiter cannot be used when the PCI Boot mode is being used while in the
Satellite mode.
10.3.13 Set Configuration Space
In Table 10.5.1, the values for the registers inside the PCI Configuration Space Register that have a
gray background can be rewritten using one of the following method.
10.3.13.1 Set the Configuration Space Using Software Reset
By using the following procedure, it is possible to use the software to set the configuration
space.
(1) Set the value to be loaded in the Configuration Data 0 Register (PCICDATA0), the
Configuration Data 1 Register (PCICDATA1), the Configuration Data 2 Register
(PCICDATA2), and the Configuration Data 3 Register (PCICDATA3).
(2) Clear the Load Configuration Data Register bit (LCFG) of the PCI Controller Configuration
Register (PCICCFG).
After these processes are complete, please set the Target Configuration Access Ready bit
(PCICCFG.TCAR) of the PCI Controller Configuration Register to be able to accept access to the
PCI Configuration space.
10.3.14 PCI Clock Signal
The configuration setting via ADDR[18] during boot-up determines whether or not the clock from
the on-chip PLL is driven out from the PCI Clock outputs, PCICLK[2:1] and PCICLKIO. When
ADDR[18] is High, PCICLK[2:1] and PCICLKIO are configured as outputs. When ADDR[18] is Low,
PCICLK[2:1] are forced to the High-Z state and PCICLKIO is configured as an input.
When PCICLK[2:1] and PCICLKIO are configured as outputs, the PCFG.PCICLKIOEN bit must not
be cleared. When configured as an output, the PCIC internally feeds back PCICLKIO as a PCI bus
clock
to
adjust
the
phase
of
the
clock.
However,
if
the
PCFG.PCICLKEN[2:1]
and
PCFG.PCICLKIOEN bits are cleared, PCICLK[2:1] and PCICLKIO are held Low respectively. (see
Figure 6.1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com