Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 288 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 288 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 292Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 590 page
background image
Chapter 10 PCI Controller
10-26
10.4.2
PCI Status, Command Register (PCISTATUS) 0xD004
The upper 16 bits correspond to the Status Register in the PCI Configuration Space, and the lower 16
bits correspond to the Command Register in the PCI Configuration Space.
This register cannot be accessed when in the Satellite mode. However, it is possible to read some
values of the upper 16 bits from the Satellite Mode PCI Status Register (PCISSTATUS).
31
30
29
28
27
26
25
24
23
22
21
20
19
16
DPE
SSE
RMA
RTA
STA
DT
MDPE FBBCP Reserved 66MCP
CL
Reserved
R/W1C R/W1C R/W1C R/W1C R/W1C
R
R/W1C
R
R
R
: Type
0
0
0
0
0
01
0
1
0
1
: Initial value
15
10
987
6
5
4
3210
Reserved
FBBEN SEREN STPC PEREN VPS MWIEN
SC
BM
MEMSP
IOSP
R/W
R/W
R
R/W
R
R/W
R
R/W
R/W
R/W : Type
0
0
0
0000
0/1
0
0
: Default
Bits
Mnemonic
Field Name
Explanation
31
DPE
Detected Parity
Error
Detected Parity Error (Initial value: 0, R/W1C)
Indicates that a parity error was detected. A parity error is detected in the three
following situations:
• Detected a data parity error as the Read command PCI initiator.
• Detected a data parity error as the Write command PCI target.
• Detected an address parity error.
This bit is set regardless of the setting of the Parity Error Response bit
(PCISTATUS.PEREN) of the PCI Status, Command Register.
1: Detected a parity error.
0: Did not detect a parity error.
30
SSE
Signaled System
Error
Signaled System Error (Initial value: 0, R/W1C)
Detects either an address parity error or a special cycle data parity error. This bit is
set when the SERR* signal is asserted.
1: Asserted the SERR* signal
0: Did not assert the SERR* signal.
29
RMA
Received Master
Abort
Received Master Abort (Initial value: 0, R/W1C)
This bit is set when a Master Abort aborts a PCI Bus Transaction when the PCI
Controller operates as the PCI initiator (except for special cycles).
1: Transaction was aborted by a Master Abort.
0: Transaction was not aborted by a Master Abort.
28
RTA
Received Target
Abort
Received Target Abort (Initial value: 0, R/W1C)
This bit is set when a Target Abort aborts a PCI Bus Transaction when the PCI
Controller operates as the PCI initiator.
1: Transaction was aborted by a Target Abort.
0: Transaction was not aborted by a Target Abort.
27
STA
Signaled Target
Abort
Signaled Target Abort (Initial value: 0, R/W1C)
This bit is set when a Target Abort aborts a PCI Bus Transaction when the PCI
Controller operates as the PCI target.
1: Bus transaction was aborted by a Target Abort.
0: Bus transaction was not aborted by a Target Abort.
26:25
DT
DEVSEL Timing
DEVSEL Timing (Fixed value: 01, R)
Three DEVSEL assert timings are defined in the PCI 2.2 Specifications: 00b = Fast;
01b = Medium; 10b = Slow; 11b = Reserved).
With the exception of Read Configuration and Write Configuration, when the PCI
Controller is the PCI target, the DEVSEL signal is asserted to a certain bus
command and indicates the slowest speed for responding to the PCI Bus Master.
Figure 10.4.2 PCI Status, Command Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com