Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 290 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 290 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 294Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 590 page
background image
Chapter 10 PCI Controller
10-28
10.4.3
Class Code, Revision ID Register (PCICCREV)
0xD008
The Class Code field corresponds to the Class Code Register of the PCI Configuration Space, and the
Revision ID field corresponds to the Revision ID Register of the PCI Configuration Space. These two
fields can be modified by software only when PCICCFG.ConfigBusy=1 after Reset.
A write to
Register PCICDATA1 when PCICCFG.ConfigBusy=1 will modify the contents of this register.
Otherwise this register is Read Only.
This register cannot be accessed when in the Satellite mode.
31
16
CC
R/L
: Type
0x0600
: Initial value
15
8
7
0
CC
RID
R/L
R/L
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:8
CC
Class Code
Class Code (Initial value: 0x060000, R/L)
Classifies the device types. The default is 060000h, which defines the PCI
Controller as a Host bridge device.
It is possible to change the device type by software.
7:0
RID
Revision ID
Revision ID (Initial value: *****, R/L)
Indicates the device revision ID. Please contact our Engineering Department for the
exact value.
It is possible to change the revision IDsoftware.
Figure 10.4.3 Class Code, Revision ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com