Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 294 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 294 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 291Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 298Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 590 page
background image
Chapter 10 PCI Controller
10-32
10.4.7
P2G Memory Space 2 PCI Base Address Register (P2GM2PBASE)
0xD018
This register corresponds to the Memory Space 2 Base Address Register at offset address 0x18 of the
PCI Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
20
19
16
BA[31:20]
Reserved
R/W
: Type
0x000
: Initial value
15
43
21
0
Reserved
PF
TYPE
MSI
RRR
: Type
0
00
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:20
BA[31:20]
Base Address
Base Address (Initial value: 0x000, R/W)
Sets the PCI base address in Target Access Memory Space 0. The size of Memory
Space 0 is selected from 1MB to 512MB using TC0[28:20].
19:4
Reserved
3
PF
Prefetchable
Prefetchable (Fixed value: 0, R)
1: Indicates that memory is prefetchable.
2:1
TYPE
Type
Memory Type (Fixed value: 00, R)
00: Indicates that an address is within a 32-bit address region.
0
MSI
Memory Space
Memory Space Indicator (Fixed value: 0, R)
0: Indicates that this Base Address Register is for use by the PCI Memory Space.
Figure 10.4.7 P2G Memory Space 2 PCI Base Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com