Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 298 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 298 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 302Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 590 page
background image
Chapter 10 PCI Controller
10-36
10.4.11 PCI Configuration 2 Register (PCICFG2)
0xD03C
The following fields correspond to the following registers:
Max. Latency field
→ Max_Lat Register of the PCI Configuration Space
Min. Grant field
→ Min_Gnt Register of the PCI Configuration Space
Interrupt Pin field
→ Interrupt Pin Register of the PCI Configuration Space
Interrupt Line field
→ Interrupt Line Register of the PCI Configuration Space.
A write to Register PCICDATA3 when PCICCFG.LCFG=1 will modify the contents of this register.
Otherwise this register is Read Only.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
24
23
16
ML
MG
R/L
R/L
: Type
0x00
0x00
: Initial value
15
8
7
0
IP
IL
R/L
R/W
: Type
0x00
0x00
: Initial value
Bits
Mnemonic
Field Name
Description
31:24
ML
Maximum
Latency
Max_Lat (Maximum Latency) (Initial value: 0x00, R/L)
00h: Does not use this register to determine PCI Bus priority.
01h-FFh: Specifies the time interval for requesting bus ownership.
In units of 250 ns, assuming the PCICLK is 33 MHz.
It is possible to change the maximum latency by software.
23:16
MG
Minimum Grant
Min_Gnt (Minimum Grant) (Initial value: 0x00, R/L)
00h: Is not used to calculate the latency timer value.
01h-FFh: Sets the time required for Burst transfer.
In units of 250 ns, assuming the PCICLK is 33 MHz.
It is possible to change this valuesoftware.
15:8
IP
Interrupt Pin
Interrupt Pin (Initial value: 0x00, R/L)
Valid values: 00 - 04h
00h: Do not use interrupt signals.
01h: Use Interrupt signal INTA*
02h: Use Interrupt signal INTB*
03h: Use Interrupt signal INTC*
04h: Use Interrupt signal INTD*
05h - FFh: Reserved
It is possible to change this value by software.
When using either the REQ[2]* signal or the PIO signal to report an interrupt to an
external device as the PCI device, please use EEPROM to set the connection with
that device.
7:0
IL
Interrupt Line
Interrupt Line (Initial value: 0x00, R/L)
This is a readable/writable 8-bit register. The software uses this register to indicate
information such as the interrupt signal connection information. Operation of the
TX4925 is not affected.
Figure 10.4.11 PCI Configuration 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com