Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 299 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 299 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 303Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 590 page
background image
Chapter 10 PCI Controller
10-37
10.4.12 G2P Timeout Count Register (G2PTOCNT)
0xD040
The Retry Timeout field corresponds to the Retry Timeout Value Register of the PCI Configuration
Space, and the TRDY Timeout field corresponds to the TRDY Timeout Value Register of the PCI
Configuration Space.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
16
Reserved
: Type
: Initial value
15
8
7
0
RETRYTO
TRDYTO
R/W
R/W
: Type
0x80
0x80
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15:8
RETRYTO
Retry Timeout
Retry Time Out (Initial value: 0x80, R/W)
Sets the maximum number of retries to accept when operating as the initiator on the
PCI Bus. Ends with an error when receiving more retry terminations than the set
maximum number.
Setting a “0” disables this timeout function.
7:0
TRDYTO
TRDY Timeout
TRDY Time Out (Initial value: 0x80, R/W)
Sets the maximum value of the time to wait for assertion of the TRDY* signal when
operating as the initiator on the PCI Bus.
Setting a “0” disables this timeout function.
Figure 10.4.12 G2P Timeout Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com