Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 296 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 296 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 292Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 293Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 294Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 295Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 296Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 300Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 590 page
background image
Chapter 10 PCI Controller
10-34
10.4.9
Subsystem ID Register (PCISID)
0xD02C
The Subsystem ID field corresponds to the Subsystem ID Register of the PCI Configuration Space,
and the Subsystem Vendor ID field corresponds to the Subsystem Vendor ID Register of the PCI
Configuration Space. These two fields can be modified by software only when PCICCFG.LCFG=1
after Reset. A write to Register PCICDATA2 when PCICCFG.LCFG=1 will modify the contents of this
register. Otherwise this register is Read Only.
This register cannot be accessed when the PCI Controller is in the Satellite mode.
31
16
SSID
R/L
: Type
0x0000
: Initial value
15
8
7
0
R/L
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
SSID
Subsystem ID
Subsystem ID (Initial value: 0x0000, R/L)
This register is used to acknowledge either a subsystem that has a PCI device or an
add-in board.
It is possible to change the Subsystem ID bysoftware.
15:0
SSVID
Subsystem
Vendor ID
Subsystem Vendor ID (Initial value: 0x0000, R/L)
This register is used to acknowledge either a subsystem that has a PCI device or an
add-in board.
It is possible to change the Subsystem ID bysoftware.
Figure 10.4.9 Subsystem ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com