Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 301 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 301 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 297Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 298Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 299Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 300Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 301Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 302Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 303Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 304Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 305Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 590 page
background image
Chapter 10 PCI Controller
10-39
Bits
Mnemonic
Field Name
Description
5
G2PM2EN
Initiator Memory
Space 2 Enable
Initiator Memory Space 2 Enable (Initial value: Normal Mode: 0; PCI Boot Mode: 1,
R/W)
Controls PCI initiator access to Memory Space 2.
1: Memory Space 2 is valid.
0: Memory Space 2 is invalid.
4G2PIOEN
Initiator I/O Space
Enable
Initiator I/O Space Enable (Initial value: 0, R/W)
Controls PCI initiator access to the I/O Space..
1: I/O Space is valid.
0: I/O Space is invalid.
3
IRBER
Bus Error
Response Setting
During Initiator
Access
Initiator Access Bus Error Response (Initial value: 1, R/W)
Bus error responses on the G-Bus are controlled when the following phenomena
indicated by the PCI Status, Command Register (PICSTATUS) and the G2P Status
Register (G2PSTATUS) occur during initiator Read access.
Detected Fatal Error (G2PSTATUS.MDFE)
Detected Parity Error (G2PSTATUS.MDPE)
Received Master Abort (PCISTATUS.RMA)
Received Target Abort (PCISTATUS.RTA)
Initiator Detected TRDY Time Out Error (G2PSTATUS.IDTTOE)
Initiator Detected Retry Time Out Error (G2PSTATUS.IDRTOE)
1: Responds with a Bus error on the G-Bus.
0: Does not respond with a Bus error on the G-Bus. (Normally terminates the
transaction on the G-Bus. Read data is invalid.)
2
Reserved
1
BSWAPI
Byte Swap for
Indirect, Config,
IACK, and
Special cycle
Byte Swap for Indirect, Config, IACK, and Special cycle
(Initial value: Little Endian Mode: 0; Big Endian Mode: 1, R/W)
Sets the byte swapping of Indirect, Config, IACK, and Special cycle.
0: Do not perform byte swapping.
1: Perform byte swapping.
Please use the default state in most situations. If this bit is changed to “0” when in the
Big Endian Mode, the byte order of transfer to Memory Space 0 through DWORD (32-
bit) access will not change.
0
ASERR
Assert SERR
Assert SERR (Initial value: 0, R/W1C)
A write of 1 will assert SERR for 1 PCI clock. Always read 0.
Figure 10.4.13 G2P Configuration Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com