Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 286 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 286 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 290Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 590 page
background image
Chapter 10 PCI Controller
10-24
Table 10.4.1 PCI Controller Control Register (2/2)
Section
Address
Bit Width
Mnemonic
Register Name
10.4.40
0xD160
32
G2PM2PBASE
G2P Memory Space 2 PCI Base Address Register
10.4.41
0xD168
32
G2PIOPBASE
G2P I/O Space PCI Base Address Register
10.4.42
0xD170
32
PCICCFG
PCI Controller Configuration Register
10.4.43
0xD174
32
PCICSTATUS
PCI Controller Status Register
10.4.44
0xD178
32
PCICMASK
PCI Controller Interrupt Mask Register
10.4.45
0xD180
32
P2GM0GBASE
P2G Memory Space 0 G-Bus Base Address Register
10.4.46
0xD184
32
P2GM0CTR
P2G Memory Space 0 Control Register
10.4.47
0xD188
32
P2GM1GBASE
P2G Memory Space 1 G-Bus Base Address Register
10.4.48
0xD18C
32
P2GM1CTR
P2G Memory Space 1 Control Register
10.4.49
0xD190
32
P2GM2GBASE
P2G Memory Space 2 G-Bus Base Address Register
10.4.50
0xD194
32
P2GM2CTR
P2G Memory Space 2 Control Register
10.4.51
0xD198
32
P2GIOGBASE
P2G I/O Space G-Bus Base Address Register
10.4.52
0xD19C
32
P2GIOCTR
P2G IO Space Control Register
10.4.53
0xD1A0
32
G2PCFGADRS
G2P Configuration Address Register
10.4.54
0xD1A4
32
G2PCFGDATA
G2P Configuration Data Register
0xD1B0

(Reserved)
0xD1B8

(Reserved)
0xD1C0

(Reserved)
10.4.55
0xD1C8
32
G2PINTACK
G2P Interrupt Acknowledge Data Register
10.4.56
0xD1CC
32
G2PSPC
G2P Special Cycle Data Register
10.4.57
0xD1E0
32
PCICDATA0
Configuration Data 0 Register
10.4.58
0xD1E4
32
PCICDATA1
Configuration Data 1 Register
10.4.59
0xD1E8
32
PCICDATA2
Configuration Data 2 Register
10.4.60
0xD1EC
32
PCICDATA3
Configuration Data 3 Register
10.4.61
0xD200
32
PDMCA
PDMAC Chain Address Register
10.4.62
0xD204
32
PDMGA
PDMAC G-Bus Address Register
10.4.63
0xD208
32
PDMPA
PDMAC PCI Bus Address Register
10.4.64
0xD20C
32
PDMCTR
PDMAC Count Register
10.4.65
0xD210
32
PDMCFG
PDMAC Control Register
10.4.66
0xD214
32
PDMSTATUS
PDMAC Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com