Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 287 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 287 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 287Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 288Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 289Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 290Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 291Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 590 page
background image
Chapter 10 PCI Controller
10-25
10.4.1
ID Register (PCIID)
0xD000
The Device ID field corresponds to the Device ID Register in the PCI Configuration Space, and the
Vendor ID field corresponds to the Vendor ID register of the PCI Configuration Space. These two fields
can be modified by software only when PCICCFG.ConfigBusy=1 after Reset. A write to Register
PCICDATA0 when PCICCFG.ConfigBusy=1 will modify the contents of this register. Otherwise this
register is Read Only.
This register cannot be accessed when in the Satellite mode.
31
16
DID
R/L
: Type
0x0181
: Initial value
15
0
VID
R/L
: Type
0x102f
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
DID
Device ID
Device ID (Initial value: 0x0181, R/L)
This register indicates the ID that is allocated to a device. The ID can be changed.
15:0
VID
Vendor ID
Vendor ID (Initial value: 0x102f, R/L)
This register indicates the device product that is allocated by PCI SIG. The product
allocation can be changed.
Figure 10.4.1 ID Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com