Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4925 Datasheet(PDF) 282 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 282 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 286Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 590 page
background image
Chapter 10 PCI Controller
10-20
10.3.11 PCI Bus Arbiter
Configuration settings (ADDR[1] signal = “1”) during boot up selects whether to use the on-chip PCI
Bus arbiter (Internal PCI Bus Arbiter mode) or to use the External PCI Bus arbiter (External PCI Bus
Arbiter mode).
When in the Internal PCI Bus Abiter mode, setting the PCI Bus Arbiter Enable bit
(PBACFG.PBAEN) of the PCI Bus Arbiter Configuration Register starts operation.
The on-chip PCI Bus arbiter can arbitrate eight sets of PCI Bus usage requests from the Bus Master.
Five ports are used: one for the PCI Controller bus master and four for External Bus masters. The three
remaining ports are reserved for future expanded features.
10.3.11.1 Request Signal, Grant Signal
The four external Bus Masters are connected to the REQ[3:0] signal and the GNT[3:0]* signal.
Also, when in the External PCI Bus Arbiter mode (Satellite Mode), the REQ[0]* signal
becomes the PCI Bus Request Output signal and the GNT[0]* signal becomes the Bus Usage
Permission Input Signal. Furthermore, the REQ[1]* signal can be used as an interrupt output
signal to the external devices (see 14.3.7 for more information).
10.3.11.2 Priority Control
As illustrated below in Figure 10.3.9, a combination of two round-robin sequences is used as
the arbitration algorithm that determines the priority of Internal PCI Bus arbiter bus requests. The
round-robin with the lower priority (Level 2) consists of Masters W - Z, and the round-robin with
the high priority (Level 1), consists of Master A - D and Level 2 Masters. The PCI Bus Arbiter
Request Port Register (PBAREQPORT) specifies whether to allocate the PCI Controller and the
four External Bus Masters to Masters A-D or W - Z.
Figure 10.3.9 PCI Bus Arbitration Priority
The Bus Master priority is determined based on the Level 1 round-robin sequence. However,
when Level 2 is used inside Level 1, the Level 2 Bus Master priority is determined based on the
Level 2 round-robin sequence.
Level 2
(Priority: Low)
Level 1
(Prirority: High)
Master A
Level 2
Master Z
Master X
Master W
Master B
Master C
Master D
Master Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com