Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16823 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74ALVT16823 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
6. Functional description
Table 3. Function table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition;
L = LOW voltage level; l = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition;
NC = no change; X = don’t care; Z = high-impedance OFF-state;
↑ = LOW-to-HIGH clock transition; ↑ = not a LOW-to-HIGH clock transition.
Input
Output
Operating mode
nOE
nMR
nCE
nCP
nDn
nQn
clear
L
L
X
X
X
L
h
H
load and read data
L
H
L
↑
l
L
hold
L
H
H
↑
X
NC
high-impedance
H
X
X
X
X
Z
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+4.6
V
VI
input voltage
[1]
-0.5
+7.0
V
VO
output voltage
output in OFF-state or HIGH-state
[1]
-0.5
+7.0
V
IIK
input clamping current
VI < 0 V
-
-50
mA
IOK
output clamping current VO < 0 V
-
-50
mA
output in LOW-state
-
128
mA
IO
output current
output in HIGH-state
-64
-
mA
Tstg
storage temperature
-65
+150
°C
Tj
junction temperature
[2]
-
150
°C
[1] The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
8. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V
VCC
supply voltage
2.3
-
2.7
V
VI
input voltage
0
-
5.5
V
IOH
HIGH-level output current
-
-
-8
mA
none
-
-
8
mA
IOL
LOW-level output current
current duty cycle ≤ 50 %; f ≥ 1 kHz
-
-
24
mA
Δt/Δv
input transition rise or fall rate outputs enabled
-
-
10
ns/V
Tamb
ambient temperature
in free air
-40
-
+85
°C
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
5 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com