Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16823 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVT16823 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable;
3-state
Rev. 6 — 20 October 2020
Product data sheet
1. General description
The 74ALVT16823 is an 18-bit positive-edge triggered D-type flip-flop with 3-state outputs, reset
and enable.
The device can be used as two 9-bit flip-flops or one 18-bit flip-flop. The device features clock
(nCP), clock enable (nCE), master reset (nMR) and output enable (nOE, inputs each controlling
9-bits. When nCE is LOW, the flip-flops will store the state of their individual D-inputs that meet the
set-up and hold time requirements on the LOW-to-HIGH clock (nCP) transition. A HIGH on nOE
causes the outputs to assume a high-impedance OFF-state. Operation of the nOE input does not
affect the state of the flip-flops. A LOW on nMR will reset the flip-flops LOW. Bus hold data inputs
eliminate the need for external pull-up resistors to define unused inputs
2. Features and benefits
• Wide supply voltage range from 2.3 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Bus hold on data inputs
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Two sets of high speed parallel registers with positive edge-triggered D-type flip-flops
• Ideal where high speed, light loading, or increased fan-in are required with MOS
microprocessors
• Live insertion and extraction permitted
• Power-up reset
• No bus current loading when output is tied to 5 V bus
• Output capability: +64 mA to -32 mA
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• MIL STD 883, method 3015: exceeds 2000 V
• MM: exceeds 200 V
• Specified from -40 °C to 85 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74ALVT16823DGG -40 °C to +85 °C
TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1


Similar Part No. - 74ALVT16823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVT16823DGG PHILIPS-74ALVT16823DGG Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVT16823DL PHILIPS-74ALVT16823DL Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
More results

Similar Description - 74ALVT16823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com