Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16823 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16823 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Tamb = −40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 2.7 V; VI = GND or VCC; IO = 0 A
outputs HIGH-state
-
0.04
0.1
mA
outputs LOW-state
-
2.7
4.5
mA
ICC
supply current
outputs disabled
[6]
-
0.04
0.1
mA
ΔICC
additional supply current
per input pin; VCC = 2.3 V to 2.7 V;
one input at VCC - 0.6 V,
other inputs at VCC or GND
[7]
-
0.04
0.4
mA
CI
input capacitance
VI = 0 V or VCC
-
3
-
pF
CO
output capacitance
VI/O = 0 V or 3.0 V
-
9
-
pF
VCC = 3.3 V ± 0.3 V
VIK
input clamping voltage
VCC = 3.0 V; IIK = -18 mA
-
-0.85
-1.2
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
VCC = 3.0 V to 3.6 V; IO = -100 μA
VCC - 0.2
VCC
-
V
VOH
HIGH-level output voltage
VCC = 3.0 V; IO = -32 mA
2.0
2.3
-
V
VCC = 3.0 V; IO = 100 μA
-
0.07
0.2
V
VCC = 3.0 V; IO = 16 mA
-
0.25
0.4
V
VCC = 3.0 V; IO = 32 mA
-
0.3
0.5
V
VOL
LOW-level output voltage
VCC = 3.0 V; IO = 64 mA
-
0.4
0.55
V
VOL(pu) power-up LOW-level
output voltage
VCC = 3.6 V; IO = 1 mA; VI = VCC or GND
[2]
-
-
0.55
V
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
μA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
μA
I/O data pins
[3]
VCC = 3.6 V; VI = VCC
-
0.5
1
μA
II
input leakage current
VCC = 3.6 V; VI = 0 V
-
+0.1
-5
μA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100
μA
IBHL
bus hold LOW current
data inputs; VCC = 3 V; VI = 0.8 V
75
130
-
μA
IBHH
bus hold HIGH current
data inputs; VCC = 3 V; VI = 2.0 V
-75
-140
-
μA
IBHLO
bus hold LOW overdrive
current
data inputs; VCC = 3.6 V; VI = 0 V to 3.6 V [8]
500
-
-
μA
IBHHO
bus hold HIGH overdrive
current
data inputs; VCC = 3.6 V; VI = 0 V to 3.6 V [8] −500
-
-
μA
IEX
external current
output HIGH-state when VO > VCC;
VO = 5.5 V; VCC = 3.0 V
-
10
125
μA
IO(pu\pd) power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC
[9]
-
1
±100
μA
VCC = 3.6 V; VI = VIL or VIH
output HIGH state; VO = 3.0 V
-
0.5
5
μA
IOZ
OFF-state output current
output LOW-state; VO = 0.5 V
-
+0.5
-5
μA
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com