Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16823 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Tamb = −40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
tWH
pulse width HIGH
nCP; see Fig. 5
2.0
0.8
-
ns
nCP
3.0
2.1
-
ns
tWL
pulse width LOW
nMR; see Fig. 7
2.0
0.8
-
ns
trec
recovery time
nMR to nCP; see Fig. 7
2.0
1.3
-
ns
fmax
maximum frequency
CP; see Fig. 5
150
-
-
MHz
VCC = 3.3 V ± 0.3 V
tPLH
LOW to HIGH propagation delay
nCP to nQn; see Fig. 5
1.0
2.3
3.1
ns
nCP to nQn; see Fig. 5
1.0
2.1
2.9
ns
tPHL
HIGH-to-LOW propagation delay
nMR to nQn; see Fig. 7
1.0
2.3
2.9
ns
tPZH
OFF-state to HIGH propagation delay
nOE to nQn; see Fig. 8
1.7
2.7
4.0
ns
tPZL
OFF-state to LOW propagation delay
nOE to nQn; see Fig. 8
1.4
2.3
3.5
ns
tPHZ
HIGH to OFF-state propagation delay
nOE to nQn; see Fig. 8
2.2
3.1
4.0
ns
tPLZ
LOW to OFF-state propagation delay
nOE to nQn; see Fig. 8
1.8
2.6
3.5
ns
nDn to nCP; see Fig. 6
1.0
0.5
-
ns
tsu(H)
set-up time HIGH
nCE to nCP; see Fig. 6
1.0
0.1
-
ns
nDn to nCP; see Fig. 6
1.6
1.1
-
ns
tsu(L)
set-up time LOW
nCE to nCP; see Fig. 6
0.5
-0.5
-
ns
nDn to nCP; see Fig. 6
0.1
-0.7
-
ns
th(H)
hold time HIGH
nCE to nCP; see Fig. 6
1.0
0.5
-
ns
nDn to nCP; see Fig. 6
0.1
-0.5
-
ns
th(L)
hold time LOW
nCE to nCP; see Fig. 6
1.0
-0.1
-
ns
tWH
pulse width HIGH
nCP; see Fig. 5
1.5
0.7
-
ns
nCP
2.5
1.4
-
ns
tWL
pulse width LOW
nMR; see Fig. 7
2.0
1.5
-
ns
trec
recovery time
nMR to nCP; see Fig. 7
2.0
1.1
-
ns
fmax
maximum frequency
CP; see Fig. 5
250
-
-
MHz
[1] All typical values for VCC = 2.5 V ± 0.2 V are measured at VCC = 2.5 V and Tamb = 25 °C.
All typical values for VCC = 3.3 V ± 0.3 V are measured at VCC = 3.3 V and Tamb = 25 °C.
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
9 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com