Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16823 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Table 9. Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPHZ, tPZH tPLZ, tPZL
tPLH, tPHL
3.0 V or VCC
whichever is less
≤ 10 MHz 500 ns
≤ 2.5 ns
50 pF
500 Ω
GND
6 V or VCC × 2 open
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
12 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com