Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5535-UDC Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 172Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 173Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 174Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 175Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 176Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 177Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 178Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 179Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 555 page
background image
www.national.com
176
Revision 0.8
4.19 GEODELINK CONTROL PROCESSOR
The GeodeLink Control Processor (GLCP) functionality is
illustrated in Figure 4-62 and is summarized as:
• Serial to GeodeLink conversion to facilitate JTAG
accesses to GeodeLink Devices
• Power management support (reset and clock control)
• MSRs
Together with a JTAG controller, the GLCP provides com-
plete visibility of the register state that the chip is in. All reg-
isters are accessible via the JTAG interface.
How the JTAG controller interfaces with the GLCP is
beyond the scope of this document and is not explained
here.
The GLCP also works with the CCU (Clock Control Unit)
blocks of other GeodeLink Devices to provide clock control
via its relevant MSRs. The GLCP supplies the clock enable
signals to all the CCUs, which allows clocks to be shut off if
the power management logic generates a Sleep request or
if a debug event triggers a clock disable situation.
Figure 4-62. GLCP Block Diagram
4.19.1 GeodeLink Power Management Support
The main power management functions are performed by
the Power Management Logic, with the GLCP playing a
supporting role. (See Section 4.17 "Power Management
Control" on page 159 for a complete understanding of
power management.)
4.19.1.1 Soft Reset
This is one of the active high soft reset sources going to the
Power
Management
Logic.
It
resides
in
the
GLCP_SYS_RST register. When active, all circuitry in the
CS5535 chip is reset (including the GLCP_SYS_RST reg-
ister itself).
4.19.1.2 Clock Control
The GLCP provides a mechanism to shut off clocks. The
busy signal from a module can control the clock gating in
its CCU, however, clocks can also be enabled or disabled
by the functional clock enable signals coming from the
GLCP. These enable signals are asynchronous to the mod-
ules and need to be synchronized in the CCU blocks before
being used to enable or disable the functional clocks.
The clocks can be disabled in one or a combination of the
three ways below. All the MSRs mentioned can be found in
Section 5.18 "Power Management Controller Register
Descriptions" on page 477 and Section 5.20 "GeodeLink
Control Processor Register Descriptions" on page 513.
1)
The power management circuitry disables the clocks
when going into Sleep. The Sleep sequence is started
by the assertion of Sleep Request from the Power
Management Logic. The GLCP asserts Sleep Request
and waits for the assertion of Sleep Acknowledge,
which indicates that the clocks should be disabled.
There are two ways to do this:
– If Sleep Acknowledge is asserted and the clock
disable delay period has expired, disable the
clocks specified in GLCP_PMCLKDISABLE (MSR
51700009h). Each bit in GLCP_PMCLKDISABLE
corresponds to a CCU, and when set, indicates
that the clock going to that CCU should be
disabled during a Sleep sequence. The clock
disable delay period is specified by the
CLK_DELAY bits in GLCP_CLK_DIS_DELAY
(MSR 51700008h), and is enabled by the
CLK_DLY_EN bit in GLCP_GLB_PM (MSR
5170000Bh). It is clocked by the PCI functional
clock.
Serial to GL
Conversion
MSR Registers
Power
Management
Support
PCI Interface
Req
Req
Data Data
TAP Controller
PCI Clock
GeodeLink Interface
Out
In
Out
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com